Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6688 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STV6688
Description  Video Switch Matrix for TV Applications with S Terminal
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6688 Datasheet(HTML) 3 Page - STMicroelectronics

  STV6688 Datasheet HTML 1Page - STMicroelectronics STV6688 Datasheet HTML 2Page - STMicroelectronics STV6688 Datasheet HTML 3Page - STMicroelectronics STV6688 Datasheet HTML 4Page - STMicroelectronics STV6688 Datasheet HTML 5Page - STMicroelectronics STV6688 Datasheet HTML 6Page - STMicroelectronics STV6688 Datasheet HTML 7Page - STMicroelectronics STV6688 Datasheet HTML 8Page - STMicroelectronics STV6688 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3/12
STV6688
Electrical Characteristics
2
Electrical Characteristics
TAMB = 25°C, VCCV = VCCB = VDD =5V, RLoadYC =4.7 kΩ, RLoadCVBS =150 Ω, unless otherwise
specified.
2.1
Thermal Data
2.2
Y/CVBS Section
TAMB = 25°C, VCCV = VCCB = VDD =5V, RLoadYC =4.7 kΩ, RLoadCVBS =150 Ω, unless otherwise
specified.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Digital Supply Voltage
4.555.5
V
VCC
Video Operating Supply Voltage
4.555.5
V
VCCB
Buffer Supply Voltage
4.555.5
V
Active (Channels ON)
IDD
Digital Supply Current
VDD =5 V
3mA
ICCV
Total Video Supply Current
(VCC,VCCBi)
VCC =5 V, No load
VCCV = VCCB = 5V, with loads and
signals
13
25
mA
Standby (All Channels OFF)
IDD
Digital Supply Current
VDD =5 V
3mA
ICCVstd
Total Video Supply Current
VCC =5 V
0.3
mA
Symbol
Parameter
Package
Value
Unit
RthJA
Maximum Junction-to-Ambient Thermal Resistance
DIP20 (STV6688)
80
°C/W
SO20 (STV6688A)
100
°C/W
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDCIN
DC Input Level
Bottom Sync pulse
2V
ICLAMP
Clamping Current
at VDCIN-400 mV
12
mA
ILEAK
Input Leakage Current
VIN =VDCIN +1V
110
µA
CIN
Input Capacitance
2pF
VIN
Max Input Signal
VCC =5 V
1.5
VPP
DYNY
Dynamic Y/CVBS Output Signal
VCC =5 V
1.5
VPP
DYNCVBS
Dynamic CVBS Output Signal
VCC =5 V
3
VPP
BW
Bandwidth at -3 dB
Y/CVBS
Y/C Mixer (on CVBS_OUT)
VIN =1 VPP
VIN =1 VPP
12
8
15
10
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com