Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM82C51A-2JS Datasheet(PDF) 18 Page - OKI electronic componets

Part # MSM82C51A-2JS
Description  UNIVERSAL SYNCHRONOUS ASYNCHRONOUS RECEIVER TRANSMITTER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM82C51A-2JS Datasheet(HTML) 18 Page - OKI electronic componets

Back Button MSM82C51A-2JS Datasheet HTML 14Page - OKI electronic componets MSM82C51A-2JS Datasheet HTML 15Page - OKI electronic componets MSM82C51A-2JS Datasheet HTML 16Page - OKI electronic componets MSM82C51A-2JS Datasheet HTML 17Page - OKI electronic componets MSM82C51A-2JS Datasheet HTML 18Page - OKI electronic componets MSM82C51A-2JS Datasheet HTML 19Page - OKI electronic componets MSM82C51A-2JS Datasheet HTML 20Page - OKI electronic componets MSM82C51A-2JS Datasheet HTML 21Page - OKI electronic componets MSM82C51A-2JS Datasheet HTML 22Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
18/26
¡ Semiconductor
MSM82C51A-2RS/GS/JS
Receiver Control and Flag Timing (SYNC Mode)
x x x x x x 0 1 2 3 4
0 1 2 3 4
0 1 2 3 4
0 1 2 3 4
0 1 2 3 4
0 1 2 3 4
0 1 2 3 4
x x x x x x x
0 1 2 3 4
0 1 x 3 4
SYNDET
(Pin) (Note 1)
SYNDET (SB)
OVERRUN
ERROR (SB)
RXRDY (PIN)
C/D
WR
RD
RXD
RXC
Don't
Care
SYNC
CHAR 1
SYNC
CHAR 2
Data
CHAR 1
Data
CHAR 2
Data
CHAR 3
SYNC
CHAR 1
SYNC
CHAR 2
Don't Care
Data
CHAR 1
Data
CHAR 2
ETC
CHAR ASSY Begins
Exit Hunt Mode
Set SYNDET
Exit Hunt Mode
Set SYNDET (Status bit)
Set SYNDET (Status bit)
CHAR ASSY
Begins
Wr EH
RxEn
Rd Data
CHAR 1
Rd Status
Wr Err Res
Rd Data
CHAR 3
Rd SYNC
CHAR 1
Rd Status
Wr EHo
Rd Status
Data
CHAR2
Lost
tIS
tES
(Note 2)
Note:
PAR
PAR
PAR
PAR
PAR
PAR
PAR
PAR
PAR
PAR
1. Internal Synchronization is based on the case of 5 data bit length + parity bit and 2 synchronous charactor.
2. External Synchronization is based on the case of 5 data bit length + parity bit.
Note: 1. Half-bit processing for the start bit
When the MSM82C51A-2 is used in the asynchronous mode, some problems are
caused in the processing for the start bit whose length is smaller than the 1-data bit
length. (See Fig. 1.)
2. Parity flag after a break signal is received (See Fig. 2.)
When the MSM82C51A-2 is used in the asynchrous mode, a parity flag may be set
when the next normal data is read after a break signal is received.
A parity flag is set when the rising edge of the break signal (end of the break signal)
is changed between the final data bit and the parity bit, through a RXRDY signal may
not be outputted.
If this occurs, the parity flag is left set when the next normal dats is received, and the
received data seems to be a parity error.
Smaller than 7-Receiver Clock Length
¥16
Start bit Length
Mode
Operation
The short start bit is ignored. (Normal)
Smaller than 31-Receiver Clock Length
¥64
8-Receiver Clock Length
¥16
The short start bit is ignored. (Normal)
Data cannot be received correctly due to a malfunction.
32-Receiver Clock Length
¥64
Data cannot be received correctly due to a malfunction.
9 to 16-Receiver Clock Length
¥16
The bit is regarded as a start bit. (normal)
33 to 64-Receiver Clock Length
¥64
The bit is regarded as a start bit. (normal)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com