Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM82C51A-2JS Datasheet(PDF) 3 Page - OKI electronic componets

Part # MSM82C51A-2JS
Description  UNIVERSAL SYNCHRONOUS ASYNCHRONOUS RECEIVER TRANSMITTER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM82C51A-2JS Datasheet(HTML) 3 Page - OKI electronic componets

  MSM82C51A-2JS Datasheet HTML 1Page - OKI electronic componets MSM82C51A-2JS Datasheet HTML 2Page - OKI electronic componets MSM82C51A-2JS Datasheet HTML 3Page - OKI electronic componets MSM82C51A-2JS Datasheet HTML 4Page - OKI electronic componets MSM82C51A-2JS Datasheet HTML 5Page - OKI electronic componets MSM82C51A-2JS Datasheet HTML 6Page - OKI electronic componets MSM82C51A-2JS Datasheet HTML 7Page - OKI electronic componets MSM82C51A-2JS Datasheet HTML 8Page - OKI electronic componets MSM82C51A-2JS Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
3/26
¡ Semiconductor
MSM82C51A-2RS/GS/JS
PIN CONFIGURATION (TOP VIEW)
D1
D0
VCC
RXC
DTR
RTS
DSR
RESET
CLK
TXD
TXEMPTY
CTS
SYNDET/BD
TXRDY
1
2
3
4
5
6
7
8
9
10
11
12
28
27
26
25
24
23
22
21
20
19
18
17
13
14
16
15
28 pin Plastic DIP
D7
D6
D5
GND
RXD
D4
D3
D2
WR
CS
C/D
RD
RXRDY
TXC
32 pin Plastic SSOP
16
15
14
13
NC
D7
D6
D5
GND
RXD
D4
D3
D2
D1
D0
WR
CS
NC
C/D
RD
RXRDY
VCC
RXC
TXC
NC
DTR
RTS
DSR
RESET
CLK
TXD
TXEMPTY
NC
CTS
SYNDET/BD
TXRDY
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
29
30
31
32
28
27
26
25
17
25
24
23
22
21
20
19
RXC
DTR
RTS
DSR
RESET
CLK
TXD
D4
D5
D6
D7
TXC
WR
CS
5
6
7
8
9
10
11
28 pin Plastic QFJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com