Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM82C51A-2JS Datasheet(PDF) 9 Page - OKI electronic componets

Part # MSM82C51A-2JS
Description  UNIVERSAL SYNCHRONOUS ASYNCHRONOUS RECEIVER TRANSMITTER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM82C51A-2JS Datasheet(HTML) 9 Page - OKI electronic componets

Back Button MSM82C51A-2JS Datasheet HTML 5Page - OKI electronic componets MSM82C51A-2JS Datasheet HTML 6Page - OKI electronic componets MSM82C51A-2JS Datasheet HTML 7Page - OKI electronic componets MSM82C51A-2JS Datasheet HTML 8Page - OKI electronic componets MSM82C51A-2JS Datasheet HTML 9Page - OKI electronic componets MSM82C51A-2JS Datasheet HTML 10Page - OKI electronic componets MSM82C51A-2JS Datasheet HTML 11Page - OKI electronic componets MSM82C51A-2JS Datasheet HTML 12Page - OKI electronic componets MSM82C51A-2JS Datasheet HTML 13Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
9/26
¡ Semiconductor
MSM82C51A-2RS/GS/JS
Pin Description
D0 to D7 (l/O terminal)
This is bidirectional data bus which receive control words and transmits data from the CPU and
sends status words and received data to CPU.
RESET (Input terminal)
A “High” on this input forces the MSM82C51A-2 into “reset status.”
The device waits for the writing of “mode instruction.”
The min. reset width is six clock inputs during the operating status of CLK.
CLK (Input terminal)
CLK signal is used to generate internal device timing.
CLK signal is independent of RXC or TXC.
However, the frequency of CLK must be greater than 30 times the RXC and TXC at Synchronous
mode and Asynchronous “x1” mode, and must be greater than 5 times at Asynchronous “x16”
and “x64” mode.
WR (Input terminal)
This is the “active low” input terminal which receives a signal for writing transmit data and
control words from the CPU into the MSM82C51A-2.
RD (Input terminal)
This is the “active low” input terminal which receives a signal for reading receive data and
status words from the MSM82C51A-2.
C/
D (Input terminal)
This is an input terminal which receives a signal for selecting data or command words and status
words when the MSM82C51A-2 is accessed by the CPU.
If C/D = low, data will be accessed.
If C/D = high, command word or status word will be accessed.
CS (Input terminal)
This is the “active low” input terminal which selects the MSM82C51A-2 at low level when the
CPU accesses.
Note:
The device won’t be in “standby status”; only setting CS = High.
Refer to “Explanation of Standby Status.”
TXD (output terminal)
This is an output terminal for transmitting data from which serial-converted data is sent out.
The device is in “mark status” (high level) after resetting or during a status when transmit is
disabled. It is also possible to set the device in “break status” (low level) by a command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com