Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM82C51A-2JS Datasheet(PDF) 22 Page - OKI electronic componets

Part # MSM82C51A-2JS
Description  UNIVERSAL SYNCHRONOUS ASYNCHRONOUS RECEIVER TRANSMITTER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM82C51A-2JS Datasheet(HTML) 22 Page - OKI electronic componets

Back Button MSM82C51A-2JS Datasheet HTML 18Page - OKI electronic componets MSM82C51A-2JS Datasheet HTML 19Page - OKI electronic componets MSM82C51A-2JS Datasheet HTML 20Page - OKI electronic componets MSM82C51A-2JS Datasheet HTML 21Page - OKI electronic componets MSM82C51A-2JS Datasheet HTML 22Page - OKI electronic componets MSM82C51A-2JS Datasheet HTML 23Page - OKI electronic componets MSM82C51A-2JS Datasheet HTML 24Page - OKI electronic componets MSM82C51A-2JS Datasheet HTML 25Page - OKI electronic componets MSM82C51A-2JS Datasheet HTML 26Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
22/26
¡ Semiconductor
MSM82C51A-2RS/GS/JS
Differences between MSM82C51A and MSM82C51A-2
1) Manufacturing Process
These devices use a 3 m Si-Gate CMOS process technology and have the same chip size.
2) Function
These devices have the same logics except for changes in AC characteristics listed in (3-2).
3) Electrical Characteristics
3-1) DC Characteristics
Although the output voltage characteristics of these devices are identical, but the measurement
conditions of the MSM82C51A-2 are more restricted than the MSM82C51A.
3-2) AC Characteristics
As shown above, the MSM82C51A-2 satisfies the characteristics of the MSM82C51A.
Parameter
Symbol
MSM82C51A
MSM82C51A-2
RD Pulse Width
250 ns minimum
130 ns minimum
tRR
RD Rising to Data Difinition
200 ns maximum
100 ns maximum
tRD
RD Rising to Data Float
100 ns maximum
75 ns minimum
tRF
WR Pulse Width
250 ns minimum
100 ns minimum
tWW
Data Setup Time for WR Rising
150 ns minimum
100 ns minimum
tDW
Data Hold Time for WR Rising
20 ns minimum
0 ns minimum
tWD
Master Clock Period
250 ns minimum
160 ns minimum
tCY
Clock Low Time
90 ns minimum
50 ns minimum
Clock High Time
120 ns minimum
tCY-90 ns maximum
70 ns minimum
tCY-50 ns maximum
tf
tf
Parameter
Symbol
MSM82C51A
MSM82C51A-2
VOL measurement conditions
+2.0 mA
+2.5 mA
VOH measurement conditions
-400 mA
-2.5 mA
IOL
IOH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com