Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM82C54-2JS Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSM82C54-2JS
Description  CMOS PROGRAMMABLE INTERVAL TIMER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM82C54-2JS Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MSM82C54-2JS Datasheet HTML 3Page - OKI electronic componets MSM82C54-2JS Datasheet HTML 4Page - OKI electronic componets MSM82C54-2JS Datasheet HTML 5Page - OKI electronic componets MSM82C54-2JS Datasheet HTML 6Page - OKI electronic componets MSM82C54-2JS Datasheet HTML 7Page - OKI electronic componets MSM82C54-2JS Datasheet HTML 8Page - OKI electronic componets MSM82C54-2JS Datasheet HTML 9Page - OKI electronic componets MSM82C54-2JS Datasheet HTML 10Page - OKI electronic componets MSM82C54-2JS Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
7/23
¡ Semiconductor
MSM82C54-2RS/GS/JS
DESCRIPTION OF PIN FUNCTIONS
16 bits
Adress Bus
Control Bus
D7 - 0
A1 A0
A1 A0
CS
8 bits
RD
WR
8 bits
Data Bus
MSM82C54-2
OUT GATE CLK
Counter #0
OUT GATE CLK
Counter #1
OUT GATE CLK
Counter #2
SYSTEM INTERFACING
D7 - D0
Name
Bidirectional
Data Bus
Input/Output
Pin Symbol
Input/Output
Function
RD
Read Input
Input
WR
Write Input
Input
A0, A1
Address Input
Input
CLK0 - 2
Clock Input
Input
GATE0 - 2
Gate Input
Input
Three-state 8-bit bidirectional data bus used when writing control
words and count value, and reading count values upon reception of
WR and RD signals from CPU.
CS
Chip Select
Input
Input
Data transfer with the CPU is enabled when this pin is at low level.
When at high level, the data bus (D0 thru D7) is switched to high
impedance state where neither writing nor reading can be executed.
Internal registers, however, remain unchanged.
Data can be transferred from MSM82C54-2 to CPU when this pin is
at low level.
Data can be transferred from CPU to MSM82C54-2 when this pin is
at low level.
One of the three internal counters or the control word register is
selected by A0/A1 combination. These two pins are normally
connected to the two lower order bits of the address bus.
Supply of three clock signals to the three counters incorporated in
MSM82C54-2.
Control of starting, interruption, and restarting of counting in the
three respective counters in accordance with the set control word
contents.
OUT0 - 2
Counter Output
Output
Output of counter output wave form in accordance with the set
mode and count value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com