Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM82C54-2JS Datasheet(PDF) 13 Page - OKI electronic componets

Part # MSM82C54-2JS
Description  CMOS PROGRAMMABLE INTERVAL TIMER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM82C54-2JS Datasheet(HTML) 13 Page - OKI electronic componets

Back Button MSM82C54-2JS Datasheet HTML 9Page - OKI electronic componets MSM82C54-2JS Datasheet HTML 10Page - OKI electronic componets MSM82C54-2JS Datasheet HTML 11Page - OKI electronic componets MSM82C54-2JS Datasheet HTML 12Page - OKI electronic componets MSM82C54-2JS Datasheet HTML 13Page - OKI electronic componets MSM82C54-2JS Datasheet HTML 14Page - OKI electronic componets MSM82C54-2JS Datasheet HTML 15Page - OKI electronic componets MSM82C54-2JS Datasheet HTML 16Page - OKI electronic componets MSM82C54-2JS Datasheet HTML 17Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
13/23
¡ Semiconductor
MSM82C54-2RS/GS/JS
Mode 2
• Application: Rate generator, real-time interrupt clock.
• Output operation: The output is set to “H” level by control word setting. When the initial
count value is decremented to 1, the output is set to “L” level during one clock pulse, and is
then set to “H” level again. The initial count value is reloaded, and the above sequence
repeats. In mode 2, the same sequence is repeated at intervals of N clock pulses if the initial
count value is N for example.
• Gate function: “H” level validates counting, and “L” level invalidates it. If the gate signal is
set to “L” level when the output pulse is “L” level, the output is immediately set to “H” level.
At the falling edge of the clock pulse succeeding the trigger, the count value is reloaded and
counting starts. The gate input can be used for counter synchronization in this way.
• Count value load timing:
After the control word and initial count value is written, the count value is loaded to the CE
at the falling edge of the next clock pulse. The output is set to “L” level upon lapse of N clock
pulses after writing the initial count value N. Counter synchronization By software is possible
in this way.
• Count value writing during counting:
Count value writing does not affect the current counting operation sequence. If new count
value writing completes and the gate trigger arrives before the end of current counting
operation, the count value is loaded to the CE at the falling edge of next clock pulse and
counting continues from the new count value. If no gate trigger arrives, the new count value
is loaded to the CE at the end of the current counting operation cycle. In mode 2, count value
of 1 is prohibited.
Mode 3
• Application: Baud rate generator, square wave generator
• Output operation: Same as mode 2 except that the output duty is different.
The output is set to “H” level by control word setting. When the count becomes half the initial
count value, the output is set to “L” level and kept at “L” level during the remainder of the
count. Mode 3 repeats the above sequence periodically. If the initial count value is N, the
output becomes a square wave with a period of N.
• Gate operation: “H” level validates counting, and “L” level invalidates it. If the gate signal
is set to “L” level when the output is “L” level, the output is immediately set to “H” level. The
initial count value is reloaded at the falling edge of the clock pulse succeeding the next gate
trigger. The gate can be used for counter synchronization in this way.
• Count value load timing:
After the control word and initial count value are written, the count value is loaded to the CE
at the falling edge of the next clock pulse, Counter synchronization by software is possible
in this way.
• Count value writing during counting:
The count value writing does not affect the current counting operation. When the gate trigger
input arrives before the end of a half cycle of the square wave after writing the new count
value, the new count value is loaded in the CE at the falling edge of the next clock pulse, and
counting continues using the new count value. If there is no gate trigger, the new count value
is loaded at the end of the half cycle and counting continues.
• Even number counting operation:
The output is initially set to “H” level. The initial count value is loaded to the CE at the falling
edge of the next clock pulse, and is decremented by 2 by consecutive clock pulses. When the
counter value becomes 2, the output is set to “L” level, the initial value is reloaded and then
the above operation is repeated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com