Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM82C54-2JS Datasheet(PDF) 14 Page - OKI electronic componets

Part # MSM82C54-2JS
Description  CMOS PROGRAMMABLE INTERVAL TIMER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM82C54-2JS Datasheet(HTML) 14 Page - OKI electronic componets

Back Button MSM82C54-2JS Datasheet HTML 10Page - OKI electronic componets MSM82C54-2JS Datasheet HTML 11Page - OKI electronic componets MSM82C54-2JS Datasheet HTML 12Page - OKI electronic componets MSM82C54-2JS Datasheet HTML 13Page - OKI electronic componets MSM82C54-2JS Datasheet HTML 14Page - OKI electronic componets MSM82C54-2JS Datasheet HTML 15Page - OKI electronic componets MSM82C54-2JS Datasheet HTML 16Page - OKI electronic componets MSM82C54-2JS Datasheet HTML 17Page - OKI electronic componets MSM82C54-2JS Datasheet HTML 18Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
14/23
¡ Semiconductor
MSM82C54-2RS/GS/JS
• Odd number counting operation:
The output is initially set to “H” level. At the falling edge of the next clock pulse, the initial
count value minus one is loaded in the CE, and then the value is decremented by 2 by
consecutive clock pulses. When the counter value becomes 0, the output is set to “L” level,
and then the initial count value minus 1 is reloaded to the CE. The value is then decremented
by 2 by consecutive clock pulses. When the counter value becomes 2, the output is again set
to “H” level and the initial count value minus 1 is again reloaded. The above operations are
repeated. In other words, the output is set to “H” level during (N+1)/2 counting and to “L”
level during (N-1)/2 counting in the case of odd number counting.
Mode 4
• Application: Software trigger strobe
• Output operation: The output is initially set to “H” level. When the counter value becomes
0, the output goes to “L” level during one clock pulse, and then restores “H” level again.
The count sequence starts when the initial count value is written.
• Gate function: “H” level validates counting, and “L” level invalidates counting. The gate
signal does not affect the output.
• Count value load timing:
After the control word and initial count value are written, the count value is loaded to the CE
at the falling edge of the next clock pulse. The clock pulse does not decrement the initial count
value. If the initial count value is N, the strobe is not output unless N+1 clock pulses are input
after the initial count value is written,
• Count value writing during counting:
The new count value is written to the CE at the falling edge of the next clock pulse, and
counting continues using the new count value. The operation for 2-byte count is as follows:
1) First byte writing does not affect the counting operation.
2) After the second byte is written, the new count value is loaded to the CE at the falling edge
of the next clock pulse.
This means that the counting operation is retriggered by software. The output strobe is set to
“L” level upon input of N+1 clock pulses after the new count value N is written.
Mode 5
• Application: Hardware trigger strobe
• Output operation:
The output is initially set to “H” level. When the counter value becomes 0 after triggering by
the rising edge of the gate pulse, the output goes to “L” level during one clock pulse, and then
restores “H” level.
• Count value load timing:
Even after the control word and initial count value are written, loading to the CE does not
occur until the input of the clock pulse succeeding the trigger. For the clock pulse for CE
loading, the count value is not decremented. If the initial count value is N, therefore, the
output is not set to “L” level until N+1 clock pulses are input after triggering.
• Gate function:
The initial count value is loaded to the CE at the falling edge of the clock pulse succeeding gate
triggering. The count sequence can be retriggered.
The gate pulse does not affect the output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com