Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM82C54-2JS Datasheet(PDF) 9 Page - OKI electronic componets

Part # MSM82C54-2JS
Description  CMOS PROGRAMMABLE INTERVAL TIMER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM82C54-2JS Datasheet(HTML) 9 Page - OKI electronic componets

Back Button MSM82C54-2JS Datasheet HTML 5Page - OKI electronic componets MSM82C54-2JS Datasheet HTML 6Page - OKI electronic componets MSM82C54-2JS Datasheet HTML 7Page - OKI electronic componets MSM82C54-2JS Datasheet HTML 8Page - OKI electronic componets MSM82C54-2JS Datasheet HTML 9Page - OKI electronic componets MSM82C54-2JS Datasheet HTML 10Page - OKI electronic componets MSM82C54-2JS Datasheet HTML 11Page - OKI electronic componets MSM82C54-2JS Datasheet HTML 12Page - OKI electronic componets MSM82C54-2JS Datasheet HTML 13Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
9/23
¡ Semiconductor
MSM82C54-2RS/GS/JS
• Select Counter (SC0, SC1):
Selection of set counter
0
1
1
0
SC1
Set Contents
1
0
1
0
SC0
Counter #0 selection
Counter #1 selection
Counter #2 selection
Read Back Command
• Read/Load (RL1, RL0):
Count value Reading/Loading format setting
0
1
1
0
RL1
Set Contents
1
0
1
0
RL0
Counter Latch Operation
Reading/Loading of Least Significant Byte (LSB)
Reading/Loading of Most Significant Byte (MSB)
Reading/Loading of LSB followed by MSB
• Mode (M2, M1, M0):
Operation waveform mode setting
• BCD:
Operation count mode setting
After setting Read/Load, Mode and BCD in each counter as outlined above, next set the desired
count value. (In some Modes, the count value is set first. In next clock, loading is performed,
then counting starts.) This count value setting must conform with the Read/Load format set
in advance. Note that the internal counters are reset to 0000H during control word setting. The
counter value (0000H) can’t be read.
The program sequence of the MSM82C54-2 is flexible.
Free sequence programming is possible as long as the two following rules are observed:
(i) Write the control word before writing the initial count value in each counter.
(ii) Write the initial count value according to the count value read/write format specified by the
control word.
Note: Unlike the MSM82C53-2, the MSM82C54-2 allows count value setting for another
counter between LSB and MSB settings.
0
¥
¥
0
M2
Set Contents
0
1
1
0
M1
1
0
1
0
M0
1
1
0
0
0
1
Mode 0 (Interruput on Terminal Count)
Mode 1 (Programmable One-Shot)
Mode 2 (Rate Generator)
Mode 3 (Square Wave Generator)
Mode 4 (Software Triggered Strobe)
Mode 5 (Hardware Triggered Strobe)
¥: denotes "not specified"
1
0
BCD
Set Contents
Binary Count (16-bit Binary)
BCD Count (4-decade Binary Coded Decimal)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com