Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF63W Datasheet(PDF) 13 Page - HOPE Microelectronics CO., Ltd.

Part # RF63W
Description  Ultra-Low Power Integrated UHF Transceiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF63W Datasheet(HTML) 13 Page - HOPE Microelectronics CO., Ltd.

Back Button RF63W Datasheet HTML 9Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 10Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 11Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 12Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 13Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 14Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 15Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 16Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 17Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 91 page
background image
ADVANCED COMMUNICATIONS & SENSING
Page 13 of 91
RF63
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
Reg_ana
1.0 V
Biasing analog
blocks
Reg_dig
1.0 V
Biasing digital
blocks
Reg_VCO
0.85 V
Biasing :
-VCO circuit
-Ext. VCO
tank
Reg_PA
1.80 V
Biasing :
-PA Driver
-PA choke
(ext)
Vbat
1ųF
Y5V
VDD
— Pin 26
2.1
— 3.6V
External Supply
Reg_top
1.4 V
Biasing :
-SPI
-Config. Registers
-POR
VR_1V
Pin 27
VR_DIG
Pin 28
VR_VCO
Pin 3
VR_PA
Pin 29
1
ųF
Y5V
220nF
X7R
100nF
X7R
47nF
X7R
Figure 4: Power Supply Breakdown
To ensure correct operation of the regulator circuit, the decoupling capacitor connection shown in Figure 4 is
required. These decoupling components are recommended for any design.
3.2. Frequency Synthesis Description
The frequency synthesizer of the RF63 is a fully integrated integer-N type PLL. The PLL circuit requires only five
external components for the PLL loop filter and the VCO tank circuit.
3.2.1. Reference Oscillator
The RF63 embeds a crystal oscillator, which provides the reference frequency for the PLL. The recommended
crystal specification is given in section 7.1.
3.2.2. CLKOUT Output
The reference frequency, or a sub-multiple of it, can be provided on CLKOUT (pin 19) by activating the bit
OSCParam_Clkout_on. The division ratio is programmed through bits OSCParam_Clkout_freq. The two
applications of the CLKOUT output are:
•
To provide a clock output for a companion uC, thus saving the cost of an additional oscillator. CLKOUT can be
made available in any operation mode, except Sleep mode, and is automatically enabled at power-up.
•
To provide an oscillator reference output. Measurement of the CLKOUT signal enables simple software
trimming of the initial crystal tolerance.
Note: To minimize the current consumption of the RF63, ensure that the CLKOUT signal is disabled when unused.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com