Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF63W Datasheet(PDF) 70 Page - HOPE Microelectronics CO., Ltd.

Part # RF63W
Description  Ultra-Low Power Integrated UHF Transceiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF63W Datasheet(HTML) 70 Page - HOPE Microelectronics CO., Ltd.

Back Button RF63W Datasheet HTML 66Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 67Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 68Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 69Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 70Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 71Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 72Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 73Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 74Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 91 page
background image
ADVANCED COMMUNICATIONS & SENSING
Page 70 of 91
RF63
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
7.3.4. Receiver Frequency Hop Optimized Cycle
RF63
IDD
IDDR
3mA typ
IDDFS
1.3mA typ.
Wait
TS_RE
RF63 is now ready
for data reception
Time
Wait
TS_HOP
Set RF63 back in Rx mode
RF63 is in Rx mode
On channel 1 (R1/P1/S1)
1. Set R2/P2/S2
2. Set RF63 in FS mode, change
MCParam_Band if needed, then switch
from R1/P1/S1 to R2/P2/S2
Figure 52: Rx Hop Cycle
Note: it is also possible to move from one channel to the other one without having to switch off the receiver. This
method is faster, and overall draws more current. For timing information, please refer to TS_RE_HOP on Table 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com