Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF63W Datasheet(PDF) 83 Page - HOPE Microelectronics CO., Ltd.

Part # RF63W
Description  Ultra-Low Power Integrated UHF Transceiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF63W Datasheet(HTML) 83 Page - HOPE Microelectronics CO., Ltd.

Back Button RF63W Datasheet HTML 79Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 80Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 81Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 82Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 83Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 84Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 85Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 86Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 87Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 91 page
background image
ADVANCED COMMUNICATIONS & SENSING
Page 83 of 91
RF63
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
Pout over the Frequency Band
12.00
4.0
10.00
2.0
8.00
0.0
6.00
-2.0
4.00
-4.0
2.00
-6.0
0.00
-8.0
902
904
906
908
910
912
914
916
918
920
922
924
926
928
Fre que ncy [MHz]
Pout
SAW Ripple
Notes:
Figure 73: Pout for 915 MHz Band Operation
•
As noted in section 7.5.4, the 869 MHz SAW filter does not cover the whole European 863
— 870 MHz
frequency band when used in a 50 ohms environment. Hence the output power degradation at the lowest
frequencies. For applications in the 863
— 870 MHz band it is recommended that an appropriate SAW filter be
implemented or that the SAW response tuned by external matching.
•
The SAW filter ripple references are the insertion loss of each SAW at 869 MHz and 915 MHz.
7.6.8. Pout and IDD vs. PA Setting
12.0
Pout & IDD vs. TXParam_Pout Setting
28.00
8.0
26.00
24.00
4.0
22.00
0.0
20.00
18.00
-4.0
16.00
-8.0
14.00
12.00
-12.0
0
1
2
3
4
5
6
7
TXPa ram_Pout [d]
10.00
Pout
IDD
Figure 74: Pout and IDD at all PA Settings, 869 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com