Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF63W Datasheet(PDF) 58 Page - HOPE Microelectronics CO., Ltd.

Part # RF63W
Description  Ultra-Low Power Integrated UHF Transceiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF63W Datasheet(HTML) 58 Page - HOPE Microelectronics CO., Ltd.

Back Button RF63W Datasheet HTML 54Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 55Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 56Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 57Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 58Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 59Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 60Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 61Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 62Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 91 page
background image
ADVANCED COMMUNICATIONS & SENSING
Page 58 of 91
RF63
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
6. Configuration and Status Registers
6.1. General Description
Table 26 sums-up the control and status registers of the RF63:
Table 26: Registers List
Name
Size
Address
Description
MCParam
13 x 8
0 - 12
Main parameters common to transmit and receive modes
IRQParam
3 x 8
13 - 15
Interrupt registers
RXParam
6 x 8
16 - 21
Receiver parameters
SYNCParam
4 x 8
22
— 25
Pattern
TXParam
1 x 8
26
Transmitter parameters
OSCParam
1 x 8
27
Crystal oscillator parameters
PKTParam
4 x 8
28 - 31
Packet handler parameters
6.2. Main Configuration Register - MCParam
The detailed description of the MCParam register is given in Table 27.
Table 27: MCParam Register Description
Name
Bits
Address
(d)
RW
Description
Chip_mode
7-5
0
r/w
Transceiver mode:
000
- sleep mode - Sleep
001
- stand-by mode - Stby (d)
010
- frequency synthesizer mode - FS
011
- receive mode - Rx
100
- transmit mode - Tx
Freq_band
4-3
0
r/w
Frequency band:
00
- 902 — 915 MHz
01
- 915 — 928 MHz (d)
10
- 950 — 960 MHz or 863 - 870 MHz (Application Circuit dependant)
VCO_trim
2-1
0
r/w
Fine VCO trimming:
00
- Vtune determined by tank inductors values (d)
01
- Vtune + 60 mV typ.
10
- Vtune + 120 mV typ.
11
- Vtune + 180 mV typ.
RPS_select
0
0
r/w
Selection between the two sets of frequency dividers of the PLL, Ri/Pi/Si
0
- R1/P1/S1 selected(d)
1
- R2/P2/S2 selected
Modul_select
7-6
1
r/w
Modulation type:
01
- OOK
10
- FSK (d)
Data_mode_0
5
1
r/w
Data operation mode LSB (refer to Data_Mode_1 (Bit 2 Addr 1)
OOK_thresh_type
4-3
1
r/w
OOK demodulator threshold type:
00
- fixed threshold mode
01
- peak mode (d)
10
- average mode
11
- reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com