Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INMP421BCEZ-R7 Datasheet(PDF) 14 Page - TDK Electronics

Part # INMP421BCEZ-R7
Description  Omnidirectional Microphone with Bottom Port and PDM Digital Output
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

INMP421BCEZ-R7 Datasheet(HTML) 14 Page - TDK Electronics

Back Button INMP421BCEZ-R7 Datasheet HTML 10Page - TDK Electronics INMP421BCEZ-R7 Datasheet HTML 11Page - TDK Electronics INMP421BCEZ-R7 Datasheet HTML 12Page - TDK Electronics INMP421BCEZ-R7 Datasheet HTML 13Page - TDK Electronics INMP421BCEZ-R7 Datasheet HTML 14Page - TDK Electronics INMP421BCEZ-R7 Datasheet HTML 15Page - TDK Electronics INMP421BCEZ-R7 Datasheet HTML 16Page - TDK Electronics INMP421BCEZ-R7 Datasheet HTML 17Page - TDK Electronics INMP421BCEZ-R7 Datasheet HTML 18Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
INMP421
The DATA signal does not need to be buffered in normal use when the INMP421 microphones are placed close to the codec on the
PCB. If the INMP421 must drive the DATA signal over a long cable (>15 cm) or other large capacitive load, a digital buffer may be
needed. Use a signal buffer on the DATA line only when one microphone is in use or after the point where two microphones are
connected (see Figure 12.)
Figure 12. Buffered Connection Between Stereo INMP421 Devices and a Codec
The DATA output of each microphone in a stereo configuration cannot be individually buffered because the two buffer outputs
cannot drive a single signal line. If a buffer is used, take care to select a buffer with low propagation delay so that the timing of the
data connected to the codec is not corrupted.
When long wires are used to connect the codec to the INMP421, a 100 Ω source termination resistor can be used on the clock output
of the codec instead of a buffer to minimize signal over-shoot or ringing. Depending on the drive capability of the codec clock output,
a buffer may still be needed, as shown in Figure 13.
SLEEP MODE
The microphone enters sleep mode when the clock is turned off or the clock frequency falls below 1 kHz. In sleep mode, the
microphone data output is in high impedance state and the current consumption is less than 50 µA.
POWER SAVINGS WHEN DISABLING ONE MICROPHONE IN A MULTIMICROPHONE APPLICATION
The INMP421 has a unique power-saving feature when used in systems where two or more microphones share the same clock
and/or data lines. The microphone is designed to present high impedance on both the clock and data pins when the power supply
(VDD) pin is at 0 V or floating. This disabled microphone presents no load to and consumes no power from other active microphones.
CLOCK OUTPUT
CODEC
DATA
INMP421
INMP421
CLK
DATA INPUT
DATA
CLK
Page 14 of 21
Document Number: DS-INMP421-00
Revision: 1.0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com