Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INMP421BCEZ-R7 Datasheet(PDF) 20 Page - TDK Electronics

Part # INMP421BCEZ-R7
Description  Omnidirectional Microphone with Bottom Port and PDM Digital Output
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

INMP421BCEZ-R7 Datasheet(HTML) 20 Page - TDK Electronics

Back Button INMP421BCEZ-R7 Datasheet HTML 13Page - TDK Electronics INMP421BCEZ-R7 Datasheet HTML 14Page - TDK Electronics INMP421BCEZ-R7 Datasheet HTML 15Page - TDK Electronics INMP421BCEZ-R7 Datasheet HTML 16Page - TDK Electronics INMP421BCEZ-R7 Datasheet HTML 17Page - TDK Electronics INMP421BCEZ-R7 Datasheet HTML 18Page - TDK Electronics INMP421BCEZ-R7 Datasheet HTML 19Page - TDK Electronics INMP421BCEZ-R7 Datasheet HTML 20Page - TDK Electronics INMP421BCEZ-R7 Datasheet HTML 21Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
INMP421
ORDERING GUIDE
PART
TEMP RANGE
PACKAGE
QUANTITY
INMP421BCEZ-R0
−40°C to +85°C 5-Terminal LGA_CAV*
5,000
INMP421BCEZ-R7
−40°C to +85°C 5-Terminal LGA_CAV†
1,000
EV_INMP421-FX
—
Flexible Evaluation Board
—
EV_INMP421
—
Evaluation Board
—
* – 13” Tape and Reel
† – 7” Tape and reel to be discontinued. Contact sales @invensense.com for availability.
REVISION HISTORY
REVISION DATE
REVISION
DESCRIPTION
02/06/2014
1.0
Initial Release
Page 20 of 21
Document Number: DS-INMP421-00
Revision: 1.0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com