Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INMP421BCEZ-R7 Datasheet(PDF) 4 Page - TDK Electronics

Part # INMP421BCEZ-R7
Description  Omnidirectional Microphone with Bottom Port and PDM Digital Output
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

INMP421BCEZ-R7 Datasheet(HTML) 4 Page - TDK Electronics

  INMP421BCEZ-R7 Datasheet HTML 1Page - TDK Electronics INMP421BCEZ-R7 Datasheet HTML 2Page - TDK Electronics INMP421BCEZ-R7 Datasheet HTML 3Page - TDK Electronics INMP421BCEZ-R7 Datasheet HTML 4Page - TDK Electronics INMP421BCEZ-R7 Datasheet HTML 5Page - TDK Electronics INMP421BCEZ-R7 Datasheet HTML 6Page - TDK Electronics INMP421BCEZ-R7 Datasheet HTML 7Page - TDK Electronics INMP421BCEZ-R7 Datasheet HTML 8Page - TDK Electronics INMP421BCEZ-R7 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
INMP421
SPECIFICATIONS
TABLE 1. ELECTRICAL CHARACTERISTICS
(TA = −40 to 85°C, VDD = 1.8 to 3.3 V, CLK = 2.4 MHz, CLOAD = 30 pF, unless otherwise noted. All minimum and maximum specifications
are guaranteed across temperature, voltage, and clock frequency specified in Table 1, unless otherwise noted. Typical specifications
are not guaranteed.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
PERFORMANCE
Directionality
Omni
Sensitivity
1 kHz, 94 dB SPL
−29
−26
−23
dBFS
1
Signal-to-Noise Ratio (SNR)
20 Hz to 20 kHz, A-weighted
61
dBA
Equivalent Input Noise (EIN)
20 Hz to 20 kHz, A-weighted
33
dBA SPL
Dynamic Range
Derived from EIN and
maximum acoustic input
87
dB
Frequency Response
Low frequency −3 dB point
100
Hz
2
High frequency −3 dB point
15
kHz
Total Harmonic Distortion (THD)
105 dB SPL
3
%
Power-Supply Rejection (PSR)
217 Hz, 100 mVp-p square
wave superimposed on VDD =
1.8 V
−80
dBV
Maximum Acoustic Input
Peak
120
dB SPL
POWER SUPPLY
Supply Voltage (VDD)
1.62
3.63
V
Supply Current (IS)
VDD = 1.8 V
Normal
Mode
650
µA
Sleep Mode
50
µA
3
DIGITAL INPUT/OUTPUT CHARACTERISTICS
Input Voltage High (VIH)
0.65 x
VDD
V
Input Voltage Low (VIL)
0.35 x
VDD
V
Output Voltage High (VOH)
ILOAD = 0.5 mA
0.7 x
VDD
VDD
V
Output Voltage Low (VOH)
ILOAD = 0.5 mA
0
0.3 x
VDD
V
Latency
<30
µs
Noise Floor
20 Hz to 20 kHz, A-weighted
−87
dBFS
Note 1: Relative to the RMS level of sine wave with positive amplitude equal to 100% logical 1s density and negative amplitude equal to 0% logical 1s density.
Note 2: See Figure 4 and Figure 5.
Note 3: The microphone enters sleep mode when the clock frequency is less than 1 kHz.
Page 4 of 21
Document Number: DS-INMP421-00
Revision: 1.0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com