Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INMP421BCEZ-R7 Datasheet(PDF) 1 Page - TDK Electronics

Part # INMP421BCEZ-R7
Description  Omnidirectional Microphone with Bottom Port and PDM Digital Output
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

INMP421BCEZ-R7 Datasheet(HTML) 1 Page - TDK Electronics

  INMP421BCEZ-R7 Datasheet HTML 1Page - TDK Electronics INMP421BCEZ-R7 Datasheet HTML 2Page - TDK Electronics INMP421BCEZ-R7 Datasheet HTML 3Page - TDK Electronics INMP421BCEZ-R7 Datasheet HTML 4Page - TDK Electronics INMP421BCEZ-R7 Datasheet HTML 5Page - TDK Electronics INMP421BCEZ-R7 Datasheet HTML 6Page - TDK Electronics INMP421BCEZ-R7 Datasheet HTML 7Page - TDK Electronics INMP421BCEZ-R7 Datasheet HTML 8Page - TDK Electronics INMP421BCEZ-R7 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
INMP421
Omnidirectional Microphone with Bottom Port and PDM Digital Output
GENERAL DESCRIPTION
The INMP421 is a high performance, low power, digital
output bottom-ported omnidirectional MEMS microphone.
The INMP421 consists of a MEMS microphone element and an
impedance converter amplifier followed by a fourth-order Σ-Δ
modulator. The digital interface allows for the pulse density
modulated (PDM) output of two microphones to be time-
multiplexed on a single data line using a single clock.
The INMP421 has a flat wideband frequency response,
resulting in natural sound with high intelligibility. Low current
consumption and a sleep mode enable long battery life for
portable applications. A built-in particle filter provides high
reliability. The INMP421 complies with the TIA-920
Telecommunications Telephone Terminal Equipment
Transmission Requirements for Wideband Digital Wireline
Telephones standard.
The INMP421 is available in a thin 3 × 4 × 1 mm surface-
mount package. It is reflow solder compatible with no
sensitivity degradation. The INMP421 is halide free
*Protected by U.S. Patents 7,449,356; 7,825,484; 7,885,423; and 7,961,897.
Other patents are pending.
APPLICATIONS
•
Feature Phones
•
Tablet Computers
•
Teleconferencing Systems
•
Digital Still and Video Cameras
•
Bluetooth Headsets
•
Notebook PCs
•
Security and Surveillance
FEATURES
•
Small and Thin 3 × 4 × 1 mm Surface-Mount Package
•
SNR of 61 dBA
•
Sensitivity of −26 dBFS
•
Flat Frequency Response from 100 Hz to 15 kHz
•
Low Current Consumption: <650 µA
•
Sleep Mode for Extended Battery Life
•
High PSR of 80 dBFS
•
Fourth-order Σ-Δ Modulator
•
Digital PDM Output
•
Compatible with Sn/Pb and Pb-Free Solder Processes
•
RoHS/WEEE Compliant
FUNCTIONAL BLOCK DIAGRAM
ORDERING INFORMATION
PART
TEMP RANGE
INMP421BCEZ-R0*
−40°C to +85°C
INMP421BCEZ-R7†
−40°C to +85°C
EV_INMP421
—
EV_INMP421-FX
—
* – 13” Tape and Reel
† – 7” Tape and reel to be discontinued. Contact sales@invensense.com for
availability.
BOTTOM
TOP
INMP421
ADC
POWER
MANAGEMENT
CLK
DATA
PDM
MODULATOR
CHANNEL
SELECT
InvenSense reserves the right to change the detail
specifications as may be required to permit improvements
in the design of its products.
InvenSense Inc.
1745 Technology Drive, San Jose, CA 95110 U.S.A
+1(408) 988–7339
www.invensense.com
Document Number: DS-INMP421-00
Revision: 1.0.
Release Date: 02/06/2014


Similar Part No. - INMP421BCEZ-R7

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
INMP401 TDK-INMP401 Datasheet
336Kb / 14P
Omnidirectional Microphone with Bottom Port and Analog Output
INMP401 TDK-INMP401 Datasheet
173Kb / 2P
Analog Output MEMS Microphone Flex Evaluation Board User Guide
INMP401ACEZ-R0 TDK-INMP401ACEZ-R0 Datasheet
336Kb / 14P
Omnidirectional Microphone with Bottom Port and Analog Output
INMP401ACEZ-R7 TDK-INMP401ACEZ-R7 Datasheet
336Kb / 14P
Omnidirectional Microphone with Bottom Port and Analog Output
INMP404 TDK-INMP404 Datasheet
359Kb / 13P
Omnidirectional Microphone with Bottom Port and Analog Output
More results

Similar Description - INMP421BCEZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMP421 AD-ADMP421 Datasheet
188Kb / 16P
Omnidirectional Microphone with Bottom Port and Digital Output
REV. 0
ADMP441_1209 AD-ADMP441_1209 Datasheet
397Kb / 16P
Omnidirectional Microphone with Bottom Port and I2S Digital Output
REV. B
ADMP401ACEZ AD-ADMP401ACEZ Datasheet
462Kb / 13P
Omnidirectional Microphone with Bottom Port and Analog Output
Rev. E
ADMP421BCEZ-RL AD-ADMP421BCEZ-RL Datasheet
499Kb / 17P
Omnidirectional Microphone with Bottom Port and Digital Output
Rev. D
logo
TDK Electronics
INMP401 TDK-INMP401 Datasheet
336Kb / 14P
Omnidirectional Microphone with Bottom Port and Analog Output
INMP404 TDK-INMP404 Datasheet
359Kb / 13P
Omnidirectional Microphone with Bottom Port and Analog Output
INMP405 TDK-INMP405 Datasheet
373Kb / 13P
Omnidirectional Microphone with Bottom Port and Analog Output
INMP411 TDK-INMP411 Datasheet
375Kb / 14P
Omnidirectional Microphone with Bottom Port and Analog Output
INMP521 TDK-INMP521 Datasheet
466Kb / 20P
Ultra-Low Noise Microphone with Bottom Port and PDM Digital Output
logo
List of Unclassifed Man...
INMP441 ETC1-INMP441 Datasheet
472Kb / 21P
Omnidirectional Microphone with Bottom Port and I2S Digital Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com