Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50FLW080BNB5P Datasheet(PDF) 54 Page - STMicroelectronics

Part # M50FLW080BNB5P
Description  8 Mbit (13 x 64KByte Blocks 3 x 16 x 4KByte Sectors), 3V Supply Firmware Hub / Low Pin Count Flash Memory
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FLW080BNB5P Datasheet(HTML) 54 Page - STMicroelectronics

Back Button M50FLW080BNB5P Datasheet HTML 50Page - STMicroelectronics M50FLW080BNB5P Datasheet HTML 51Page - STMicroelectronics M50FLW080BNB5P Datasheet HTML 52Page - STMicroelectronics M50FLW080BNB5P Datasheet HTML 53Page - STMicroelectronics M50FLW080BNB5P Datasheet HTML 54Page - STMicroelectronics M50FLW080BNB5P Datasheet HTML 55Page - STMicroelectronics M50FLW080BNB5P Datasheet HTML 56Page - STMicroelectronics M50FLW080BNB5P Datasheet HTML 57Page - STMicroelectronics M50FLW080BNB5P Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 64 page
background image
Block and sector address table
M50FLW080A, M50FLW080B
54/64
Table 35.
M50FLW080B block, sector and Lock Register addresses
Block Size
(KByte)
Address Range
Block No
and Type
Sector Size
(KByte)
Sector No
Register
Address
64
FF000h-FFFFFh
15
(Top)
447
FBFF002
FE000h-FEFFFh
4
46
FBFE002
FD000h-FDFFFh
4
45
FBFD002
FC000h-FCFFFh
4
44
FBFC002
FB000h-FBFFFh
4
43
FBFB002
FA000h-FAFFFh
4
42
FBFA002
F9000h-F9FFFh
4
41
FBF9002
F8000h-F8FFFh
4
40
FBF8002
F7000h-F7FFFh
4
39
FBF7002
F6000h-F6FFFh
4
38
FBF6002
F5000h-F5FFFh
4
37
FBF5002
F4000h-F4FFFh
4
36
FBF4002
F3000h-F3FFFh
4
35
FBF3002
F2000h-F2FFFh
4
34
FBF2002
F1000h-F1FFFh
4
33
FBF1002
F0000h-F0FFFh
4
32
FBF0002
64
E0000h-EFFFFh
14 (Main)
FBE0002
64
D0000h-DFFFFh
13 (Main)
FBD0002
64
C0000h-CFFFFh
12 (Main)
FBC0002
64
B0000h-BFFFFh
11 (Main)
FBB0002
64
A0000h-AFFFFh
10 (Main)
FBA0002
64
90000h-9FFFFh
9 (Main)
FB90002
64
80000h-8FFFFh
8 (Main)
FB80002
64
70000h-7FFFFh
7 (Main)
FB70002
64
60000h-6FFFFh
6 (Main)
FB60002
64
50000h-5FFFFh
5 (Main)
FB50002
64
40000h-4FFFFh
4 (Main)
FB40002
64
30000h-3FFFFh
3 (Main)
FB30002
64
20000h-2FFFFh
2 (Main)
FB20002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com