Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50FLW080BNB5P Datasheet(PDF) 28 Page - STMicroelectronics

Part # M50FLW080BNB5P
Description  8 Mbit (13 x 64KByte Blocks 3 x 16 x 4KByte Sectors), 3V Supply Firmware Hub / Low Pin Count Flash Memory
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FLW080BNB5P Datasheet(HTML) 28 Page - STMicroelectronics

Back Button M50FLW080BNB5P Datasheet HTML 24Page - STMicroelectronics M50FLW080BNB5P Datasheet HTML 25Page - STMicroelectronics M50FLW080BNB5P Datasheet HTML 26Page - STMicroelectronics M50FLW080BNB5P Datasheet HTML 27Page - STMicroelectronics M50FLW080BNB5P Datasheet HTML 28Page - STMicroelectronics M50FLW080BNB5P Datasheet HTML 29Page - STMicroelectronics M50FLW080BNB5P Datasheet HTML 30Page - STMicroelectronics M50FLW080BNB5P Datasheet HTML 31Page - STMicroelectronics M50FLW080BNB5P Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 64 page
background image
Command interface
M50FLW080A, M50FLW080B
28/64
4.7
Chip Erase command
The Chip Erase Command erases the entire memory array, setting all of the bits to ‘1’. All
previous data in the memory array are lost. This command, though, is only available under
the A/A Mux interface.
Two Bus Write operations are required to issue the command, and to start the
Program/Erase Controller. Once the command is issued, subsequent Bus Read operations
read the contents of the Status Register. (See the section on the Status Register for details
on the definitions of the Status Register bits.)
Erasing should not be attempted when VPP is not at VPPH, otherwise the result is uncertain.
During the Chip Erase operation, the memory will only accept the Read Status Register
command. All other commands are ignored.
See Figure 25, for a suggested flowchart on using the Chip Erase command. Typical Chip
Erase times are given in Table 18.
4.8
Block Erase command
The Block Erase command is used to erase a block, setting all of the bits to ‘1’. All previous
data in the block are lost.
Two Bus Write operations are required to issue the command. The second Bus Write cycle
latches the block address and starts the Program/Erase Controller. Once the command is
issued, subsequent Bus Read operations read the contents of the Status Register. (See the
section on the Status Register for details on the definitions of the Status Register bits.)
If the block, or if at least one sector of the block (for the blocks that are split into sectors), is
protected (FWH/LPC only) then the Block Erase operation will abort, the data in the block
will not be changed, and the Status Register will indicate the error.
During the Block Erase operation the memory will only accept the Read Status Register and
Program/Erase Suspend commands. All other commands are ignored.
See Figure 26, for a suggested flowchart on using the Block Erase command. Typical Block
Erase times are given in Table 18.
4.9
Sector Erase command
The Sector Erase command is used to erase a Uniform 4-KByte Sector, setting all of the bits
to ‘1’. All previous data in the sector are lost.
Two Bus Write operations are required to issue the command. The second Bus Write cycle
latches the Sector address and starts the Program/Erase Controller. Once the command is
issued, subsequent Bus Read operations read the contents of the Status Register. (See the
section on the Status Register for details on the definitions of the Status Register bits.)
If the Sector is protected (FWH/LPC only), the Sector Erase operation will abort, the data in
the Sector will not be changed, and the Status Register will indicate the error.
During the Sector Erase operation the memory will only accept the Read Status Register
and Program/Erase Suspend commands. All other commands are ignored.
See Figure 26, for a suggested flowchart on using the Sector Erase Command. Typical
Sector Erase times are given in Table 18.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com