Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50FLW080BNB5P Datasheet(PDF) 32 Page - STMicroelectronics

Part # M50FLW080BNB5P
Description  8 Mbit (13 x 64KByte Blocks 3 x 16 x 4KByte Sectors), 3V Supply Firmware Hub / Low Pin Count Flash Memory
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FLW080BNB5P Datasheet(HTML) 32 Page - STMicroelectronics

Back Button M50FLW080BNB5P Datasheet HTML 28Page - STMicroelectronics M50FLW080BNB5P Datasheet HTML 29Page - STMicroelectronics M50FLW080BNB5P Datasheet HTML 30Page - STMicroelectronics M50FLW080BNB5P Datasheet HTML 31Page - STMicroelectronics M50FLW080BNB5P Datasheet HTML 32Page - STMicroelectronics M50FLW080BNB5P Datasheet HTML 33Page - STMicroelectronics M50FLW080BNB5P Datasheet HTML 34Page - STMicroelectronics M50FLW080BNB5P Datasheet HTML 35Page - STMicroelectronics M50FLW080BNB5P Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 64 page
background image
Status Register
M50FLW080A, M50FLW080B
32/64
5.3
Erase status (bit SR5)
This bit indicates if a problem has occurred during the erasing of a Sector or Block. The
Erase Status bit should be read once the Program/Erase Controller Status bit is ‘1’
(Program/Erase Controller inactive).
When the Erase Status bit is ‘0’, the memory has successfully verified that the Sector/Block
has been erased correctly. When the Erase Status bit is ‘1’, the Program/Erase Controller
has applied the maximum number of pulses to the Sector/Block and still failed to verify that
the Sector/Block has been erased correctly.
Once the Erase Status bit is set to ‘1’, it can only be reset to ‘0’ by a Clear Status Register
command, or by a hardware reset. If it is set to ‘1’, it should be reset before a new Program
or Erase command is issued, otherwise the new command will appear to have failed, too.
5.4
Program status (bit SR4)
This bit indicates if a problem has occurred during the programming of a byte. The Program
Status bit should be read once the Program/Erase Controller Status bit is ‘1’
(Program/Erase Controller inactive).
When the Program Status bit is ‘0’, the memory has successfully verified that the byte has
been programmed correctly. When the Program Status bit is ‘1’, the Program/Erase
Controller has applied the maximum number of pulses to the byte and still failed to verify
that the byte has been programmed correctly.
Once the Program Status bit is set to ‘1’, it can only be reset to ‘0’ by a Clear Status Register
command, or by a hardware reset. If it is set to ‘1’, it should be reset before a new Program
or Erase command is issued, otherwise the new command will appear to have failed, too.
5.5
VPP status (bit SR3)
This bit indicates whether an invalid voltage was detected on the VPP pin at the beginning of
a Program or Erase operation. The VPP pin is only sampled at the beginning of the
operation. Indeterminate results can occur if VPP becomes invalid during a Program or
Erase operation.
Once the VPP Status bit set to ‘1’, it can only be reset to ‘0’ by a Clear Status Register
command, or by a hardware reset. If it is set to ‘1’, it should be reset before a new Program
or Erase command is issued, otherwise the new command will appear to have failed, too.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com