Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50FLW080BNB5P Datasheet(PDF) 35 Page - STMicroelectronics

Part # M50FLW080BNB5P
Description  8 Mbit (13 x 64KByte Blocks 3 x 16 x 4KByte Sectors), 3V Supply Firmware Hub / Low Pin Count Flash Memory
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FLW080BNB5P Datasheet(HTML) 35 Page - STMicroelectronics

Back Button M50FLW080BNB5P Datasheet HTML 31Page - STMicroelectronics M50FLW080BNB5P Datasheet HTML 32Page - STMicroelectronics M50FLW080BNB5P Datasheet HTML 33Page - STMicroelectronics M50FLW080BNB5P Datasheet HTML 34Page - STMicroelectronics M50FLW080BNB5P Datasheet HTML 35Page - STMicroelectronics M50FLW080BNB5P Datasheet HTML 36Page - STMicroelectronics M50FLW080BNB5P Datasheet HTML 37Page - STMicroelectronics M50FLW080BNB5P Datasheet HTML 38Page - STMicroelectronics M50FLW080BNB5P Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 64 page
background image
M50FLW080A, M50FLW080B
Firmware Hub/low-pin-count (FWH/LPC) interface Configuration
35/64
6
Firmware Hub/low-pin-count (FWH/LPC) interface
Configuration Registers
When the Firmware Hub Interface/Low Pin Count is selected, several additional registers
can be accessed. These registers control the protection status of the Blocks/Sectors, read
the General Purpose Input pins and identify the memory using the manufacturer code. See
Table 15 for the memory map of the Configuration Registers. The Configuration registers
are accessed directly without using any specific command code. A single Bus Write or Bus
Read Operation, with the appropriate address (including A22=0), is all that is needed.
6.1
Lock Registers
The Lock Registers control the protection status of the Blocks/Sectors. Each Block/Sector
has its own Lock Register. Three bits within each Lock Register control the protection of
each Block/Sector: the Write Lock Bit, the Read Lock Bit and the Lock Down Bit.
The Lock Registers can be read and written. Care should be taken, though, when writing.
Once the Lock Down Bit is set, ‘1’, further modifications to the Lock Register cannot be
made until it is cleared again by a reset or power-up.
See Table 16 for details on the bit definitions of the Lock Registers.
6.1.1
Write Lock
The Write Lock Bit determines whether the contents of the Block/Sector can be modified
(using the Program or Erase Command). When the Write Lock Bit is set, ‘1’, the
Block/Sector is write protected – any operations that attempt to change the data in the
Block/Sector will fail, and the Status Register will report the error. When the Write Lock Bit is
reset, ‘0’, the Block/Sector is not write protected by the Lock Register, and may be modified,
unless it is write protected by some other means.
If the Top Block Lock signal, TBL, is Low, VIL, then the Top Block (Block 15) is write
protected, and cannot be modified. Similarly, if the Write Protect signal, WP, is Low, VIL, then
the Main Blocks (Blocks 0 to 14) are write protected, and cannot be modified. For details,
see Appendix A and Table 16.
After power-up, or reset, the Write Lock Bit is always set to ‘1’ (write-protected).
6.1.2
Read Lock
The Read Lock bit determines whether the contents of the Block/Sector can be read (in
Read mode). When the Read Lock Bit is set, ‘1’, the Block/Sector is read protected – any
operation that attempts to read the contents of the Block/Sector will read 00h instead. When
the Read Lock Bit is reset, ‘0’, read operations are allowed in the Block/Sector, and return
the value of the data that had been programmed in the Block/Sector.
After power-up, or reset, the Read Lock Bit is always reset to ‘0’ (not read-protected).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com