Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP6137ASOPTR Datasheet(PDF) 3 Page - Fitipower Integrated Technology Inc.

Part # FP6137ASOPTR
Description  3A/2A Bus Termination Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6137ASOPTR Datasheet(HTML) 3 Page - Fitipower Integrated Technology Inc.

  FP6137ASOPTR Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FP6137ASOPTR Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP6137ASOPTR Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6137ASOPTR Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6137ASOPTR Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6137ASOPTR Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6137ASOPTR Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6137ASOPTR Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6137ASOPTR Datasheet HTML 9Page - Fitipower Integrated Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
FP6137-2.1-MAR-2013
FP6137A/B
fitipower integrated technology lnc.
Block Diagram
Error
Amp
Current Limit &
Thermal Shutdown
GND
VOUT
VIN
VCNTL
REFEN
+
-
Figure 3. Block Diagram of FP6137
Absolute Maximum Ratings
● VIN to GND -------------------------------------------------------------------------------------------------------- 6V
● VCNTL to GND ---------------------------------------------------------------------------------------------------- 6V
● Power Dissipation @25°C, (P
D)
SOP-8 (Fused) ------------------------------------------------------------------------------------- 0.63W
SOP-8 (Exposed Pad) ---------------------------------------------------------------------------- 1.25W
TO-252-5 -------------------------------------------------------------------------------------------- 1.33W
TO-263-5 -------------------------------------------------------------------------------------------- 1.67W
● Package Thermal Resistance, (θ
JA)
SOP-8 (Fused) ------------------------------------------------------------------------------------- 160°C/W
SOP-8 (Exposed Pad) ---------------------------------------------------------------------------- 80°C/W
TO-252-5 -------------------------------------------------------------------------------------------- 75°C/W
TO-263-5 -------------------------------------------------------------------------------------------- 60°C/W
● Junction Temperature ------------------------------------------------------------------------------------------- 150°C
● Storage Temperature Range ---------------------------------------------------------------------------------- -65°C to 150°C
● Lead Temperature (Soldering, 10sec.) ---------------------------------------------------------------------- 260°C
● ESD Susceptibility
HBM(Human Body Mode) ------------------------------------------------------------------------------------- 2KV
MM(Machine Mode) --------------------------------------------------------------------------------------------- 200V
Note 1:
Stresses beyond those listed under “Absolute Maximum Ratings" may cause permanent damage to the device.
Recommended Operating Conditions
● Input Voltage (V
IN) ------------------------------------------------------------------------------------------------ +1.8V or +2.5V
● Input Voltage (V
CNTL) --------------------------------------------------------------------------------------------- +3.3V to +5.5V
● Operating Temperature Range (T
OPR) ----------------------------------------------------------------------- -40ºC to +85ºC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com