Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP6137ASOPTR Datasheet(PDF) 4 Page - Fitipower Integrated Technology Inc.

Part # FP6137ASOPTR
Description  3A/2A Bus Termination Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6137ASOPTR Datasheet(HTML) 4 Page - Fitipower Integrated Technology Inc.

  FP6137ASOPTR Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FP6137ASOPTR Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP6137ASOPTR Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6137ASOPTR Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6137ASOPTR Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6137ASOPTR Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6137ASOPTR Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6137ASOPTR Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6137ASOPTR Datasheet HTML 9Page - Fitipower Integrated Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
FP6137-2.1-MAR-2013
FP6137A/B
fitipower integrated technology lnc.
Electrical Characteristics
(VCNTL=3.3V, VIN=2.5V, VREFEN=0.5*VIN, COUT=10µF, TA=25°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
INPUT
Operation Voltage Range
(DDRI and DDII)
VIN
1.6
2.5/1.8
V
VCNTL
3.3
5.5
VCNTL Quiescent Current
ICNTL
No Load
1.5
3.0
mA
Shutdown Current
ISD
VREFEN<0.2V
5
30
μA
OUTPUT VOLTAGE
Output Offset Voltage
VOS
No Load , (VREFEN-VOUT)
-20
0
20
mV
Load Regulation
(DDRI and DDII)
(Note2)
|
 VLOAD |
IOUT = 0 to 2A
20
mV
IOUT = 0 to -2A
20
PROTECTION
Current Limit
ILIM
FP6137A
3.0
3.5
A
FP6137B
2.0
2.5
A
Thermal Shutdown Temperature
(Note3)
TSD
170
°C
 TSD
Hysteresis
35
°C
SHUTDOWN CONTROL
Enable High Level
VREF-H
0.6
V
Shutdown Low Level
VREF-L
0.2
V
Note 2:Load regulation is measured at a constant junction temperature by using a 20ms low duty cycle current pulse.
Note 3:Guarantee by design.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com