Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP6137ASOPTR Datasheet(PDF) 1 Page - Fitipower Integrated Technology Inc.

Part # FP6137ASOPTR
Description  3A/2A Bus Termination Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6137ASOPTR Datasheet(HTML) 1 Page - Fitipower Integrated Technology Inc.

  FP6137ASOPTR Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FP6137ASOPTR Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP6137ASOPTR Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6137ASOPTR Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6137ASOPTR Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6137ASOPTR Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6137ASOPTR Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6137ASOPTR Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6137ASOPTR Datasheet HTML 9Page - Fitipower Integrated Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
FP6137-2.1-MAR-2013
FP6137A/B
fitipower integrated technology lnc.
3A/2A Bus
Termination Regulator
Pin Assignments
SO Package (SOP-8<Fused>) (FP6137B)
REFEN
GND
VIN
VCNTL
VOUT
2
3
4
6
5
7
8
1
VCNTL
VCNTL
VCNTL
SP Package (SOP-8 Exposed Pad) (FP6137B)
REFEN
NC
GND
VIN
NC
VCNTL
NC
VOUT
2
3
4
6
5
7
8
VCNTL
1
SP Package (SOP-8 Exposed Pad) (FP6137A)
REFEN
NC
GND
VIN
NC
VCNTL
NC
VOUT
2
3
4
6
5
7
8
GND
1
T5 Package (TO-252-5) (FP6137A/B)
5
4
3
2
1
VOUT
REFEN
VCNTL (TAB)
GND
VIN
T6 Package (TO-263-5) (FP6137A)
5
4
3
2
1
VOUT
REFEN
VCNTL (TAB)
GND
VIN
Figure 1. Pin Assignment of FP6137 (Top View)
Ordering Information
Description
The FP6137A/B linear regulator is designed to
provide the transient peaks up to 3A/2A sourcing or
sinking capability for DDR SDRAM bus termination
application.
The output voltage can track half of
input power by two external voltage divider resistors.
The FP6137A/B provides current limit in both
sourcing/sinking
mode
and
thermal
shutdown
function which protects the excessive heating due to
high current and high junction temperature.
The FP6137A are available in SOP-8 (exposed pad),
TO-252-5 and TO-263-5 packages.
The FP6137B
are available in the SOP-8 (fused), SOP-8 (exposed
pad) and TO-252-5 packages.
Features
3A/2A Source or Sink Current
Power MOSFET Integrated
Low Output Voltage Offset
Current Limit Protection
Thermal Shutdown Protection
Adjusted Output by External Resistors
Shutdown for Standby or Suspend Mode
SOP-8, TO-252-5 and TO-263-5 Packages
RoHS Compliant
Applications
DDR-I and DDR-II Bus Termination Voltage
SSTL-2 and SSTL-3 Termination
Active Termination Buses
P: Green
G: Green
Package Type
SO: SOP-8 (Fused)
SP: SOP-8 (Exposed Pad)
T5: TO-252-5
T6: TO-263-5
A: 3A
B: 2A
TR: Tape/Reel
FP6137
□□□□


Similar Part No. - FP6137ASOPTR

ManufacturerPart #DatasheetDescription
logo
Fitipower Integrated Te...
FP6137E FITIPOWER-FP6137E Datasheet
392Kb / 7P
2A BUS TERMINATION REGULATOR
FP6137ESPGTR FITIPOWER-FP6137ESPGTR Datasheet
392Kb / 7P
2A BUS TERMINATION REGULATOR
FP6137ESPPTR FITIPOWER-FP6137ESPPTR Datasheet
392Kb / 7P
2A BUS TERMINATION REGULATOR
FP6137F FITIPOWER-FP6137F Datasheet
360Kb / 7P
3A BUS TERMINATION REGULATOR
FP6137FSPCTR FITIPOWER-FP6137FSPCTR Datasheet
360Kb / 7P
3A BUS TERMINATION REGULATOR
More results

Similar Description - FP6137ASOPTR

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML6554 FAIRCHILD-ML6554 Datasheet
386Kb / 14P
3A Bus Termination Regulator
logo
Sipex Corporation
SP2996B SIPEX-SP2996B Datasheet
92Kb / 10P
2A Bus Termination Regulator
logo
Richtek Technology Corp...
RT9173B RICHTEK-RT9173B Datasheet
262Kb / 13P
2A Bus Termination Regulator
logo
Unisonic Technologies
UR5516B UTC-UR5516B Datasheet
220Kb / 9P
3A BUS TERMINATION REGULATOR
UR5516C UTC-UR5516C Datasheet
208Kb / 9P
3A BUS TERMINATION REGULATOR
logo
Anpec Electronics Corop...
APL5338 ANPEC-APL5338 Datasheet
315Kb / 19P
2A Bus Termination Regulator
APL5338A ANPEC-APL5338A Datasheet
350Kb / 21P
2A Bus Termination Regulator
APL5338A ANPEC-APL5338A_17 Datasheet
241Kb / 19P
2A Bus Termination Regulator
logo
Unisonic Technologies
UR5516C UTC-UR5516C_15 Datasheet
236Kb / 8P
3A BUS TERMINATION REGULATOR
logo
Fitipower Integrated Te...
FP6137E FITIPOWER-FP6137E Datasheet
392Kb / 7P
2A BUS TERMINATION REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com