Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP6137ASOPTR Datasheet(PDF) 5 Page - Fitipower Integrated Technology Inc.

Part # FP6137ASOPTR
Description  3A/2A Bus Termination Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6137ASOPTR Datasheet(HTML) 5 Page - Fitipower Integrated Technology Inc.

  FP6137ASOPTR Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FP6137ASOPTR Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP6137ASOPTR Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6137ASOPTR Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6137ASOPTR Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6137ASOPTR Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6137ASOPTR Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6137ASOPTR Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6137ASOPTR Datasheet HTML 9Page - Fitipower Integrated Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
FP6137-2.1-MAR-2013
FP6137A/B
fitipower integrated technology lnc.
Typical Performance Curves
Figure 4. Turn-On Threshold Voltage vs. Junction
Temperature
Figure 5. Turn-Off Threshold Voltage vs. Junction
Temperature
Figure 6. Output offset (VOUT-VREFEN) vs. Junction
Temperature
Figure 7. Output offset (VOUT-VREFEN) vs. Junction
Temperature
Figure 8. Current Limit vs. Junction Temperature
Figure 9. Current Limit vs. Junction Temperature
-40
-20
0
20
40
60
80
100
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.55
0.60
0.65
V
CNTL
=5V
Junction Temperature (
o
C)
V
CNTL
=3.3V
-40
-20
0
20
40
60
80
100
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.55
0.60
0.65
V
CNTL
=3.3V
Junction Temperature (
o
C)
V
CNTL
=5V
-40
-20
0
20
40
60
80
100
-8
-6
-4
-2
0
2
4
6
8
V
CNTL
=3.3V
V
CNTL
=5V
Junction Temperature (
o
C)
V
OUT
=1.25V
-40
-20
0
20
40
60
80
100
-8
-6
-4
-2
0
2
4
6
8
V
OUT
=0.9V
V
CNTL
=3.3V
Junction Temperature (
o
C)
V
CNTL
=5V
-40
-20
0
20
40
60
80
100
0
1
2
3
4
5
6
V
CNTL
=3.3V, V
IN
=2.5V
V
CNTL
=5V, V
IN
=2.5V
V
CNTL
=5V, V
IN
=1.8V
Junction Temperature (
oC)
Sourcing
V
CNTL
=3.3V, V
IN
=1.8V
-40
-20
0
20
40
60
80
100
0
1
2
3
4
5
6
V
CNTL
=5V, V
IN
=2.5V
V
CNTL
=3.3V, V
IN
=2.5V
V
CNTL
=5V, V
IN
=1.8V
Junction Temperature (
oC)
V
CNTL
=3.3V, V
IN
=1.8V
Sinking



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com