Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP6862ASOGTR Datasheet(PDF) 4 Page - Fitipower Integrated Technology Inc.

Part # FP6862ASOGTR
Description  Dual-Channel USB High-Side Power Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6862ASOGTR Datasheet(HTML) 4 Page - Fitipower Integrated Technology Inc.

  FP6862ASOGTR Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FP6862ASOGTR Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP6862ASOGTR Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6862ASOGTR Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6862ASOGTR Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6862ASOGTR Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6862ASOGTR Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6862ASOGTR Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6862ASOGTR Datasheet HTML 9Page - Fitipower Integrated Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
FP6862-1.6-JUN-2012
FP6862
85T
fitipower integrated technology lnc.
Absolute Maximum Ratings
● Supply Voltage (IN) --------------------------------------------------------------------------------------------- -0.3V to +6V
● Fault Flag Voltage (FLG) -------------------------------------------------------------------------------------- +6V
● Fault Flag Current (I
FLG) --------------------------------------------------------------------------------------- 25mA
● Output Voltage (OUT) ----------------------------------------------------------------------------------------- +6V
● Output Current (I
OUT) ------------------------------------------------------------------------------------------- Internal Limited
● Enable Input (EN) ----------------------------------------------------------------------------------------------- -0.3V to +6V
● Power dissipation @T
A=25°C, (PD)
SOP-8 ------------------------------------------------------------------------------------------------- 0.63W
● Package Thermal Resistance, (θ
JA)
SOP-8 ------------------------------------------------------------------------------------------------- 160°C/W
● Maximum Junction Temperature (T
J) ---------------------------------------------------------------------- +150°C
● Storage Temperature Range (T
STG) ------------------------------------------------------------------------ -65°C to +130°C
● Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------- 260°C
Note1:
Stresses beyond those listed under “Absolute Maximum Ratings" may cause permanent damage to the device.
Recommended Operating Conditions
● Supply Voltage (VIN) -------------------------------------------------------------------------------------------- +2.7V to +5.5V
● Operation Temperature Range ------------------------------------------------------------------------------ -40°C to +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com