Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP6862ASOGTR Datasheet(PDF) 5 Page - Fitipower Integrated Technology Inc.

Part # FP6862ASOGTR
Description  Dual-Channel USB High-Side Power Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6862ASOGTR Datasheet(HTML) 5 Page - Fitipower Integrated Technology Inc.

  FP6862ASOGTR Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FP6862ASOGTR Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP6862ASOGTR Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6862ASOGTR Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6862ASOGTR Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6862ASOGTR Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6862ASOGTR Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6862ASOGTR Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6862ASOGTR Datasheet HTML 9Page - Fitipower Integrated Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
FP6862-1.6-JUN-2012
FP6862
85T
fitipower integrated technology lnc.
Electrical Characteristics
VIN=+5V, TA=25°C, unless otherwise specified
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Supply Current
IDD
FP6862A, VENA=VENB<0.3V
110
160
µA
FP6862B, VENA=VENB>1.1V
Shutdown Current
ISD
FP6862A, VENA=VENB>1.1V
0.75
5
µA
FP6862B, VENA=VENB<0.3V
Enable Input Threshold
VEN
VEN=Logic “0”
0.3
V
VEN=Logic “1”
1.1
Enable Input Current
IEN
VEN=0 to 5.5V
-1
0.01
1
µA
Enable Input Capacitance
(Note3)
CEN
1
pF
Switch Resistance (Note3)
RDS-ON
RL=10Ω
100
150
mΩ
Output Leakage Current
ILEAK
10
µA
Output Turn-on Delay Time
(Note3)
TON
RL=10Ω, CL=1µF (Fig.6)
100
µs
Output Turn-on Rise Time
(Note3)
TR
RL=10Ω, CL=1µF (Fig.6)
1.0
2.5
ms
Output Turn-off Delay Time
(Note3)
TOFF
RL=10Ω, CL=1µF (Fig.6)
0.8
20
µs
Output Turn-off Fall Time
(Note3)
TF
RL=10Ω, CL = 1µF (Fig.6)
0.8
20
µs
Continuous Load Current
IOUT
Each channel
1
A
Current Limit Threshold
ILIMIT
Ramped load applied to output
(Fig.7)
1.1
1.6
2.1
A
Under Voltage Lockout
Threshold
VUVLO
VIN Rising
2.5
V
VIN Falling
2.3
Error Flag Output Resistance
(Note3)
RFLAG
VIN = 5V, IL=10mA
20
40
Ω
VIN = 3.3V, IL=10mA
25
50
Error Flag Off Current
ILEAKAGE
VFLG=5V
0.01
1
µA
Over-Temperature Threshold
(Note 2,3)
TSD
Tj increasing, each channel
140
°C
Tj decreasing, each channel
120
Tj increasing, both channels
160
Tj decreasing, both channels
150
Note 2:If there is a over-load fault on one channel causes die reaches approximately 140°C, that channel will shutdown.
If the die
reaches approximately 160°C, both channels will shutdown.
Note3:Guarantee by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com