Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP6862ASOGTR Datasheet(PDF) 7 Page - Fitipower Integrated Technology Inc.

Part # FP6862ASOGTR
Description  Dual-Channel USB High-Side Power Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6862ASOGTR Datasheet(HTML) 7 Page - Fitipower Integrated Technology Inc.

Back Button FP6862ASOGTR Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6862ASOGTR Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6862ASOGTR Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6862ASOGTR Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6862ASOGTR Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6862ASOGTR Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6862ASOGTR Datasheet HTML 9Page - Fitipower Integrated Technology Inc. FP6862ASOGTR Datasheet HTML 10Page - Fitipower Integrated Technology Inc. FP6862ASOGTR Datasheet HTML 11Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
FP6862-1.6-JUN-2012
FP6862
85T
fitipower integrated technology lnc.
Typical Performance Characteristics
Figure 8. On-State Supply Current vs. Supply Voltage
Figure 9. Off-State Supply Current vs. Supply Voltage
Figure 10. On Resistance vs. Temperature
Figure 11. Current Limit Threshold vs. Temperature
Figure 12. UVLO Threshold Voltage vs. Temperature
Figure 13. Supply Current vs. Temperature
0
1
2
3
4
5
6
0
20
40
60
80
100
120
Both Switches on
UVLO Threshold
Supply Voltage (V)
0
1
2
3
4
5
6
0
1
2
3
4
5
T
A
= 25
OC
Both Switches OFF
Supply Voltage (V)
-40
-20
0
20
40
60
80
100
70
80
90
100
110
120
130
140
V
IN
=5V
V
IN
=3.3V
I
OUT
=500 mA
Temperature (
oC)
-40
-20
0
20
40
60
80
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
Temperature(
oC)
-40
-20
0
20
40
60
80
100
2.0
2.1
2.2
2.3
2.4
2.5
2.6
Falling
Rising
Temperature (
oC)
-40
-20
0
20
40
60
80
100
80
85
90
95
100
105
110
115
120
125
130
Both Switches On
V
IN
=3.3V
V
IN
=5V
Temperature (
oC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com