Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP6862ASOGTR Datasheet(PDF) 10 Page - Fitipower Integrated Technology Inc.

Part # FP6862ASOGTR
Description  Dual-Channel USB High-Side Power Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6862ASOGTR Datasheet(HTML) 10 Page - Fitipower Integrated Technology Inc.

Back Button FP6862ASOGTR Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6862ASOGTR Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6862ASOGTR Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6862ASOGTR Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6862ASOGTR Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6862ASOGTR Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6862ASOGTR Datasheet HTML 9Page - Fitipower Integrated Technology Inc. FP6862ASOGTR Datasheet HTML 10Page - Fitipower Integrated Technology Inc. FP6862ASOGTR Datasheet HTML 11Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
FP6862-1.6-JUN-2012
FP6862
85T
fitipower integrated technology lnc.
Application Information
The FP6862 is a dual, current-limited switch
designed
for
USB
applications.
It
has
two
independent switches, each with its own enable
control input.
Each switch has an error-flag output
to notify the USB controller when the current-limit,
short-circuit, under voltage lockout (UVLO) or
thermal shutdown occurs.
The FP6862 operates from 2.7V to 5.5V input
voltage range and guarantees a minimum 1A output
current.
Independent current-limit and thermal
shutdown circuits permit each switch to operate
independently, improving system robustness.
UVLO and Input-Voltage Requirement
Under Voltage Lockout (UVLO) circuit prevents the
output switch from turning on until input voltage
exceeds approximately 2.5V.
Reverse Current Blocking
The USB specification does not allow an output
device to source current back into the USB port.
However, the FP6862 are designed to safely power
noncompliant devices. When disable, each output is
switched
to
a
high-impedance
state,
blocking
reverse current flow from the output back to the
input.
The switch is bi-directional when enable.
Error Flag
The FP6862 provides an open drain error flag output
for each switch.
For most applications, connect
FLG and IN through a 10k
Ω pull-up resistor. FLG
goes low when any following conditions occur:
1. The input voltage is below the UVLO threshold.
2. The thermal shutdown occurs.
3. The switch is in current-limit and short-circuit
conditions.
Supply Filtering
A 0.1
μF to 1µF bypass capacitor positioned close to
VIN
and
GND
of
the
FP6862
is
strongly
recommended
to
control
supply
transients.
Without a bypass capacitor, an output short may
cause sufficient ringing on the input to damage
internal control circuitry.
Error Flag
An error flag is an open-drain output of an N-
channel MOS.
Flag output is pulled low to signal
the following fault conditions: Supply voltage under
UVLO threshold voltage, current limit, short circuit
or thermal shutdown.
Current Limit
The current limit threshold is preset internally.
It
protects the output switch from damage due to
undesirable short circuit conditions or excess inrush
current often encountered during hot plug-in.
Thermal Shutdown
Thermal shutdown is employed to protect the
device from damage when the die temperature
exceeds safe margins mainly due to short-circuit
or current-limit.
FP6862 features independent
thermal
shutdown
for
each
switch
channel,
allowing one switch to deliver power even if the
other switch has a fault condition.
Thermal
shutdown shuts off the output switch which in
current-limit or short-circuit and asserts the FLG
output if the die temperature reaches 140°C and
the other channel is not affected.
However, if the
die temperature exceeds 160°C, both channels
will be shut off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com