Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPF8F Datasheet(PDF) 13 Page - Generalplus Technology Inc.

Part # GPF8F
Description  16-bit Sound Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPF8F Datasheet(HTML) 13 Page - Generalplus Technology Inc.

Back Button GPF8F Datasheet HTML 9Page - Generalplus Technology Inc. GPF8F Datasheet HTML 10Page - Generalplus Technology Inc. GPF8F Datasheet HTML 11Page - Generalplus Technology Inc. GPF8F Datasheet HTML 12Page - Generalplus Technology Inc. GPF8F Datasheet HTML 13Page - Generalplus Technology Inc. GPF8F Datasheet HTML 14Page - Generalplus Technology Inc. GPF8F Datasheet HTML 15Page - Generalplus Technology Inc. GPF8F Datasheet HTML 16Page - Generalplus Technology Inc. GPF8F Datasheet HTML 17Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
GPF8F Series
© Generalplus Technology Inc.
Proprietary & Confidential
13
Aug. 03, 2018
Version: 1.1
8 ELECTRICAL SPECIFICATIONS
Characteristics
Symbol
Ratings
DC Supply Voltage
V+
< 4.0V
Port A/B Pad Supply Voltage
VIO
< 7.0V
Input Voltage Range
VIN
-0.5V to V+ + 0.5V
Operating Temperature
TA
0℃ to +70℃
Storage Temperature
TSTO
-50℃ to +150℃
Note: Stresses beyond those given in the Absolute Maximum Rating table may cause permanent damage to the device.
For normal operational conditions
see DC Electrical Characteristics.
8.1 DC Characteristics (VDD_REGIN = 4.5V, VDDIO = 4.5V (IOA & IOB ), TA = 25℃)
Characteristics
Symbol
Limit
Unit
Test Condition
Min.
Typ.
Max.
Operating Voltage
VDD_REG
2.2
-
5.5
V
-
Operating Current
IOP
-
25
-
mA
FOSC = 72MHz,
AD, DAC disable, no load
Standby Current
ISTB
-
-
10
A
Disable 32KHz crystal
15
A
Enable 32KHz,Disable PLL(FOSC)
Input High Level
VIH
0.7VDDIO
-
-
V
-
Input Low Level
VIL
-
-
0.3VDDIO
V
-
Output High Current
(IOA[9:0], IOB[11:0])
IOH
5
10
15
mA
VOH = 0.7VDDIO
Output High Current
(IOA[15:10],IOB[15:12])
IOH
15
30
45
mA
VOH = 0.7VDDIO,
High driving current @16mA
Output Low Current
(IOA[9:8], IOB)
IOL
-9
-18
-27
mA
VOL = 0.3VDDIO
Output Low Current
(IOA[15:10],IOB[15:12])
IOL
-13
-26
-39
mA
VOL = 0.3VDDIO,
SPI interface @16mA
Output Low Current
(IOA[7:0])
IOL
-18
-36
-54
mA
VOL = 0.3VDDIO,
High sink
Input Pull-Low Resister
(IOA, IOB)
RPL
50
100
150
K
VIN = VDDIO
Input Pull-High Resister
(IOA, IOB)
RPH
50
100
150
K
VIN = VSS
Internal
ROSC
frequency
deviation
⊿F/F
-3%
12M
+3%
HZ
V33_REG = 3.3V
8.2 DC Characteristics (VDD_REGIN = 3.3V, VDDIO = 3.3V (IOA & IOB), TA = 25℃)
Characteristics
Symbol
Limit
Unit
Test Condition
Min.
Typ.
Max.
Operating Voltage
VDD_REG
2.2
-
5.5
V
-
Operating Current
IOP
-
25
-
mA
FOSC = 72MHz,
AD, DAC disable, no load
Standby Current
ISTB
-
-
10
A
Disable 32KHz crystal
15
A
Enable 32KHz,Disable PLL(FOSC)
Input High Level
VIH
0.7VDDIO
-
-
V
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com