Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPF8F Datasheet(PDF) 4 Page - Generalplus Technology Inc.

Part # GPF8F
Description  16-bit Sound Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPF8F Datasheet(HTML) 4 Page - Generalplus Technology Inc.

  GPF8F Datasheet HTML 1Page - Generalplus Technology Inc. GPF8F Datasheet HTML 2Page - Generalplus Technology Inc. GPF8F Datasheet HTML 3Page - Generalplus Technology Inc. GPF8F Datasheet HTML 4Page - Generalplus Technology Inc. GPF8F Datasheet HTML 5Page - Generalplus Technology Inc. GPF8F Datasheet HTML 6Page - Generalplus Technology Inc. GPF8F Datasheet HTML 7Page - Generalplus Technology Inc. GPF8F Datasheet HTML 8Page - Generalplus Technology Inc. GPF8F Datasheet HTML 9Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
GPF8F Series
© Generalplus Technology Inc.
Proprietary & Confidential
4
Aug. 03, 2018
Version: 1.1
16-BIT SOUND CONTROLLER
1 GPF8F SERIES:
Product No.
GPF8F096A
GPF8F096A_0001
With voice recognition algorithm
No
Yes
2 GENERAL DESCRIPTION
GPF8F, a 16-bit architecture sound controller, features a
Sunplus
’s 16-bit
’nSP2.0™ (pronounced as micro-n-SP 2.0),
microprocessor.
High CPU operating speed ensures that
GPF8F can handle complex digital signal processes efficiently
and rapidly. GPF8F can be applied for digital sound processing
and voice recognition.
The operating voltage is from 2.2V to
5.5V and clock speed is from 12MHz to 72MHz. The memory
capacity includes embedded FLASH with a 6K-word working
SRAM and 2K-word Cache RAM.
Other features include 32
programmable multi-function I/Os, five 16-bit timers/counters,
32768Hz Real Time Clock, Low Voltage Reset/Detection, eight
channels 12-bit ADC for line-in and one Codec 16-bit ADC for
microphone amplifier, 8 channel SPU(Sound Processing Unit)
engine
as
midi-synthesizer,
I2C
control,
CCPU(Compare,
Capture and PWM Unit), capacitive touch sensor, one SPI
FLASH controller, one 16-bit DAC with push-pull amplifier and
many others.
3 FEATURES
 16-bit
’nSP2.0™ microprocessor
 CPU Clock: 12MHz - 72MHz
 Operating Voltage: 2.2V - 5.5V
 Power regulator built-in with input voltage: 2.2~5.5V, output
voltage:1.8V for core power, 3.1V for codec ADC ,3.3V for
external device and 2.5V for touch module
 IO PortA & B Operating Voltage: 2.2V - 5.5V
 48K-word fast embedded flash memory
 6K-word working SRAM
 2K-word dedicated cache SRAM
 Two 14-bit software channels with noise filter, mixer and scalar
for high quality sound playback
 Standby mode for power savings
 Total five 16-bit timers available, including three
general-purpose 16-bit timers/counters and two touch sensing
timers (also for general-purpose).
 8 channels SPU engine with 4/5 bit A3400Pro and 8/16 bit
PCM format
 One 14-bit DAC with push-pull amplifier, supporting cascade
mode
 32 general I/Os (bit programmable)
 Key wakeup function (IOA0 - 15, IOB0-15)
 Capacitor sensing touch hardware for 32 I/O and low power
mode function
 PLL feature for system clock
 32768Hz Real Time Clock (RTC), crystal or internal resistor
oscillator selected.
 Eight channels of 12-bit AD converter for line-in
 Codec 16-bit ADC for microphone amplifier and digital AGC
circuit built-in
 I2C control module
 Comparison unit, Capturing unit and PWM Unit(CCPU)
 Two-channel DMA controllers
 UART interface
 I2S input/output function to support 16-bit/24-bit data and left
justified/1-bit shift format
 Low voltage reset and low voltage detection
 Watchdog (optional)
 Two SPI serial interfaces: SPI FLASH controller (supporting
one-I/O, two-I/O, four-I/O modes, and auto read/program
mode), and normal SPI interface.
 Specific products support voice recognition algorithm.
4 APPLICATION FIELD
 Voice Recognition Products
 Intelligent Interactive Talking Toys
 Advanced Educational Toys
 Kids Learning Products
 Kids Storybook
 General Speech Synthesizer
 Long Duration Audio Products
 Recording/Playback Products



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com