Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPF8F Datasheet(PDF) 14 Page - Generalplus Technology Inc.

Part # GPF8F
Description  16-bit Sound Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPF8F Datasheet(HTML) 14 Page - Generalplus Technology Inc.

Back Button GPF8F Datasheet HTML 10Page - Generalplus Technology Inc. GPF8F Datasheet HTML 11Page - Generalplus Technology Inc. GPF8F Datasheet HTML 12Page - Generalplus Technology Inc. GPF8F Datasheet HTML 13Page - Generalplus Technology Inc. GPF8F Datasheet HTML 14Page - Generalplus Technology Inc. GPF8F Datasheet HTML 15Page - Generalplus Technology Inc. GPF8F Datasheet HTML 16Page - Generalplus Technology Inc. GPF8F Datasheet HTML 17Page - Generalplus Technology Inc. GPF8F Datasheet HTML 18Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
GPF8F Series
© Generalplus Technology Inc.
Proprietary & Confidential
14
Aug. 03, 2018
Version: 1.1
Characteristics
Symbol
Limit
Unit
Test Condition
Min.
Typ.
Max.
Input Low Level
VIL
-
-
0.3VDDIO
V
-
Output High Current
(IOA[9:0], IOB[11:0])
IOH
3
6
9
mA
VOH = 0.7VDDIO
Output High Current
(IOA[15:10],IOB[15:12])
IOH
9
18
27
mA
VOH = 0.7VDDIO,
High driving current @16mA
Output Low Current
(IOA[9:8], IOB)
IOL
-6
-12
-18
mA
VOL = 0.3VDDIO
Output Low Current
(IOA[15:10],IOB[15:12])
IOL
-8
-16
-24
mA
VOL = 0.3VDDIO,
SPI interface @16mA
Output Low Current
(IOA[7:0])
IOL
-12
-24
-36
mA
VOL = 0.3VDDIO,
High sink
Input Pull-Low Resister
(IOA, IOB)
RPL
50
100
150
K
VIN = VDDIO
Input Pull-High Resister
(IOA, IOB)
RPH
50
100
150
K
VIN = VSS
Internal
ROSC
frequency
deviation
⊿F/F
-3%
12M
+3%
HZ
V33_REG = 3.3V
8.3 SAR ADC Characteristics (VDD_IOB = 3.3V, TA = 25℃)
Characteristics
Symbol
Limit
Unit
Min.
Typ.
Max.
ADC LINE_IN Input Voltage Range from
IOB[7:0]
VINL (Note 1)
VSS-0.3
-
VDD_IOB+0.3
V
Resolution of ADC
RESO
-
-
12
bits
Signal-to-Noise Plus Distortion of ADC from
Line in
SINAD (Note 3)
-
60
-
dB
Effective Number of Bit
ENOB (Note 4)
-
9.5
-
bits
Integral Non-Linearity of ADC
INL
-
±3.0
-
LSB (Note 2)
Differential Non-Linearity of ADC
DNL
-
±1.0
-
LSB
AD Conversion Rate
FCONV
-
-
62.5K
Hz
Note1: Internal protection diodes clamp the analog input to VDD_IOB and VSS.
These diodes allow the analog input to swing from (VSS-0.3V) to
(V33_ADC+0.3V) without causing damage to the devices.
Note2: LSB means Least Significant Bit.
With VINL = 2.6V, 1LSB = 2.6V/2^12 = 0.635mV.
Note3: The SINAD testing condition at VINLp-p = 0.8*V33_ADC, FCONV = Fcpu/512 = 49MHz/256 = 192KHz, Fin=1.0KHz Sine waves at V33_ADC = 3.0V
from the IOB [7:0] input.
Note4: ENOB = (SINAD-1.76)/6.02.
8.4 Audio ADC Characteristics (VDD_ADC = 3.0V, TA = 25℃)
Characteristics
Symbol
Limit
Unit
Min.
Typ.
Max.
ADC Microphone Input Voltage Range
VINM
VSS-0.3
-
VDD_ADC+0.3
V
Resolution of ADC
RESO
-
-
16
bits
Signal to noise ratio( SNR )
Boost gain = 0dB, PGA = 0 dB
SINAD
-
86
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com