Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPF8F Datasheet(PDF) 19 Page - Generalplus Technology Inc.

Part # GPF8F
Description  16-bit Sound Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPF8F Datasheet(HTML) 19 Page - Generalplus Technology Inc.

Back Button GPF8F Datasheet HTML 15Page - Generalplus Technology Inc. GPF8F Datasheet HTML 16Page - Generalplus Technology Inc. GPF8F Datasheet HTML 17Page - Generalplus Technology Inc. GPF8F Datasheet HTML 18Page - Generalplus Technology Inc. GPF8F Datasheet HTML 19Page - Generalplus Technology Inc. GPF8F Datasheet HTML 20Page - Generalplus Technology Inc. GPF8F Datasheet HTML 21Page - Generalplus Technology Inc. GPF8F Datasheet HTML 22Page - Generalplus Technology Inc. GPF8F Datasheet HTML 23Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
GPF8F Series
© Generalplus Technology Inc.
Proprietary & Confidential
19
Aug. 03, 2018
Version: 1.1
9.2 Application Circuit with Regulator and External 12M Crystal
Note1: These capacitor values are for design guidance only. The recommended 32K XTAL features are ESR=11.2~60K and CL1=CL2 =26~36pF (including
PCB parasitic loading; for example, user should apply additional 20~30pF on X32I and X32O if PCB parasitic loading is 6pF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com