Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSPD Datasheet(PDF) 7 Page - Eaton All Rights Reserved.

Part # BSPD
Description  High capacity Type 1 and Type 2 SPDs for overvoltage protection on switchgear and power distribution panels
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

BSPD Datasheet(HTML) 7 Page - Eaton All Rights Reserved.

  BSPD Datasheet HTML 1Page - Eaton All Rights Reserved. BSPD Datasheet HTML 2Page - Eaton All Rights Reserved. BSPD Datasheet HTML 3Page - Eaton All Rights Reserved. BSPD Datasheet HTML 4Page - Eaton All Rights Reserved. BSPD Datasheet HTML 5Page - Eaton All Rights Reserved. BSPD Datasheet HTML 6Page - Eaton All Rights Reserved. BSPD Datasheet HTML 7Page - Eaton All Rights Reserved. BSPD Datasheet HTML 8Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Technical Data 10209
Effective April 2017
BSPD SPDs for overvoltage protection on
switchgear and power distribution panels
Eaton.com/bussmannseries
6.0 Catalog Number System
Table 15. BSPD part number system
All possible combinations of the BSPD attributes are available for
ordering.
Technical support information
If you have any questions or need additional information, please
contact the Eaton’s Bussmann Business Application Engineers
between the hours of 7:00 a.m. and 5:00 p.m. Central Time at 855-
287-7626 (855-Bussmann) or by e-mailing FuseTech@Eaton.com.
BSPD
kA Rating
per phase
120kA
200kA
300kA
400kA
Voltage/system type code
Configurations
1 = Basic
Green and red LEDs per phase to indicate protection status
Green and red LEDs on Wye units to indicate protection status of the Neutral-to-Ground mode
2 = Standard
Green and red LEDs per phase to indicate protection status
Green and red LEDs on Wye units to indicate protection status of the Neutral-to-Ground mode
Audible alarm with Silence button
Form C contact relay. See Table 3, Specifications
EMI/RFI filtering providing up to 50dB of noise attenuation from 10kHz to 100MHz
3 = Standard With Surge Counter
Green and red LEDs per phase to indicate protection status
Green and red LEDs on Wye units to indicate protection status of the Neutral-to-Ground mode
Audible alarm with silence button
Form C contact relay
EMI/RFI filtering providing up to 50dB of noise attenuation from 10kHz to 100MHz
Surge counter with reset button
208Y = 120/208 Wye (4W + G)
480Y = 277/480 Wye (4W + G)
600Y = 347/600 Wye (4W + G)
240D = 240 Delta (3W + G)
480D = 480 Delta (3W + G)
600D = 600 Delta (3W + G)
Enclosure rating
K = NEMA 1
P = NEMA 4X
BSPD 200 480D 2 K
Series



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com