Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSPD Datasheet(PDF) 4 Page - Eaton All Rights Reserved.

Part # BSPD
Description  High capacity Type 1 and Type 2 SPDs for overvoltage protection on switchgear and power distribution panels
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

BSPD Datasheet(HTML) 4 Page - Eaton All Rights Reserved.

  BSPD Datasheet HTML 1Page - Eaton All Rights Reserved. BSPD Datasheet HTML 2Page - Eaton All Rights Reserved. BSPD Datasheet HTML 3Page - Eaton All Rights Reserved. BSPD Datasheet HTML 4Page - Eaton All Rights Reserved. BSPD Datasheet HTML 5Page - Eaton All Rights Reserved. BSPD Datasheet HTML 6Page - Eaton All Rights Reserved. BSPD Datasheet HTML 7Page - Eaton All Rights Reserved. BSPD Datasheet HTML 8Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Technical Data 10209
Effective April 2017
BSPD SPDs for overvoltage protection on
switchgear and power distribution panels
Eaton.com/bussmannseries
Voltage protection ratings
ANSI/UL 1449 4th Edition voltage protection ratings
Voltage Protection Rating (V
PR) data for all units is included in the
following tables, The data varies based upon the configuration and
NEMA enclosure. V
PR values for the Basic configurations are on the
left-hand side of the page. Tables on the right-hand side contain
VPR values for the
Standard or Standard with Surge Counter
configurations.
Table 5. 120-200kA
Voltage/
system
code
Protection mode
L-N
L-G
N-G
L-L
208Y
600
800
600
1000
480Y
1200
1200
1200
1800
600Y
1500
1500
1500
2500
240D
—
1000
—
1000
480D
—
2500
—
2500
600D
—
2500
—
2500
Table 6. 300kA
Voltage/
system
code
Protection mode
L-N
L-G
N-G
L-L
208Y
600
700
600
1000
480Y
1000
1200
1000
1800
600Y
1500
1500
1500
2500
240D
—
1000
—
1000
480D
—
1800
—
2000
600D
—
2500
—
2500
Table 7. 400kA
Voltage/
system
code
Protection mode
L-N
L-G
N-G
L-L
208Y
600
700
600
1000
480Y
1000
1200
1000
1800
600Y
1500
1500
1500
2500
240D
—
1000
—
1000
480D
—
1800
—
2000
600D
—
2500
—
2500
NEMA 1: Basic
(cat. nos. ending with 1K)
NEMA 1: Standard or Standard w/ Surge Counter
(cat. nos. ending with 2K or 3K)
Table 2. 120-200kA
Voltage/
system
code
Protection mode
L-N
L-G
N-G
L-L
208Y
700
700
700
1200
480Y
1200
1200
1200
2000
600Y
1500
1500
1500
2500
240D
—
1000
—
1000
480D
—
2000
—
2500
600D
—
2500
—
2500
Table 3. 300kA
Voltage/
system
code
Protection mode
L-N
L-G
N-G
L-L
208Y
700
700
700
1000
480Y
1200
1200
1200
1800
600Y
1500
1500
1500
2500
240D
—
1000
—
1000
480D
—
1800
—
2000
600D
—
2500
—
2500
Table 4. 400kA
Voltage/
system
code
Protection mode
L-N
L-G
N-G
L-L
208Y
700
700
700
1000
480Y
1200
1200
1200
1800
600Y
1500
1500
1500
2500
240D
—
1000
—
1000
480D
—
1800
—
2000
600D
—
2500
—
2500



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com