Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSPD Datasheet(PDF) 5 Page - Eaton All Rights Reserved.

Part # BSPD
Description  High capacity Type 1 and Type 2 SPDs for overvoltage protection on switchgear and power distribution panels
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

BSPD Datasheet(HTML) 5 Page - Eaton All Rights Reserved.

  BSPD Datasheet HTML 1Page - Eaton All Rights Reserved. BSPD Datasheet HTML 2Page - Eaton All Rights Reserved. BSPD Datasheet HTML 3Page - Eaton All Rights Reserved. BSPD Datasheet HTML 4Page - Eaton All Rights Reserved. BSPD Datasheet HTML 5Page - Eaton All Rights Reserved. BSPD Datasheet HTML 6Page - Eaton All Rights Reserved. BSPD Datasheet HTML 7Page - Eaton All Rights Reserved. BSPD Datasheet HTML 8Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Technical Data 10209
Effective April 2017
BSPD SPDs for overvoltage protection on
switchgear and power distribution panels
Eaton.com/bussmannseries
Table 8 120–200kA
Voltage/
system
code
Protection mode
L-N
L-G
N-G
L-L
208Y
700
800
700
1200
480Y
1200
1200
1000
2000
600Y
1500
1500
1500
2500
240D
—
1000
—
1000
480D
—
2000
—
2500
600D
—
2500
—
2500
Table 9. 300kA
Voltage/
system
code
Protection mode
L-N
L-G
N-G
L-L
208Y
700
800
700
1200
480Y
1200
1200
1200
2000
600Y
1500
1500
1500
2500
240D
—
1000
—
1000
480D
—
1800
—
2000
600D
—
2500
—
2500
Table 10. 400kA
Voltage/
system
code
Protection mode
L-N
L-G
N-G
L-L
208Y
700
800
700
1200
480Y
1200
1200
1200
2000
600Y
1500
1500
1500
2500
240D
—
1000
—
1000
480D
—
1800
—
2000
600D
—
2500
—
2500
Table 11. 120–200kA
Voltage/
system
code
Protection mode
L-N
L-G
N-G
L-L
208Y
900
900
700
1500
480Y
1200
1200
1000
2500
600Y
1500
1500
1500
2500
240D
—
1000
—
1000
480D
—
2500
—
2500
600D
—
2500
—
2500
Table 12. 300kA
Voltage/
system
code
Protection mode
L-N
L-G
N-G
L-L
208Y
800
900
700
1500
480Y
1200
1200
1000
2000
600Y
1500
1500
1500
2500
240D
—
1000
—
1000
480D
—
2000
—
2000
600D
—
2500
—
2500
Table 13. 400kA
Voltage/
system
code
Protection mode
L-N
L-G
N-G
L-L
208Y
800
900
700
1500
480Y
1200
1200
1000
2000
600Y
1500
1500
1500
2500
240D
—
1000
—
1000
480D
—
2000
—
2000
600D
—
2500
—
2500
NEMA 4X: Basic
(cat. nos ending with 1P)
NEMA 4X: Standard or Standard w/ Surge Counter
(cat. nos. ending with 2P or 3P)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com