Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSPD Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # BSPD
Description  High capacity Type 1 and Type 2 SPDs for overvoltage protection on switchgear and power distribution panels
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

BSPD Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  BSPD Datasheet HTML 1Page - Eaton All Rights Reserved. BSPD Datasheet HTML 2Page - Eaton All Rights Reserved. BSPD Datasheet HTML 3Page - Eaton All Rights Reserved. BSPD Datasheet HTML 4Page - Eaton All Rights Reserved. BSPD Datasheet HTML 5Page - Eaton All Rights Reserved. BSPD Datasheet HTML 6Page - Eaton All Rights Reserved. BSPD Datasheet HTML 7Page - Eaton All Rights Reserved. BSPD Datasheet HTML 8Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Technical Data 10209
Effective April 2017
BSPD SPDs for overvoltage protection on
switchgear and power distribution panels
Eaton.com/bussmannseries
Introduction
The BSPD Series of surge protective devices are tested by
Underwriters Laboratory and Listed to UL 1449, 4th Edition to help
ensure equipment is protected with highly reliable surge protection
technology. Delta and Wye system units are available in three
configurations to increase application flexibility. The BSPD Series
is for installation external to an electrical enclosure or panelboard.
Application of BSPD Series units throughout a facility will help
ensure that equipment is protected.
Applications
BSPD Series units are available for common Delta and Wye system
voltages in a variety of surge current capacity ratings from 120kA
to 400kA. Available in three configurations, the BSPD Series’
features and options make it easy to specify units for many electrical
applications including service entrances, distribution switchboards,
panelboards and point-of-use. All possible combinations of product
attributes are available for ordering in the catalog number system
(see page 7).
Features
•
BSPD uses Bussmann series SurgePOD™ thermally protected
Metal Oxide Varistor (MOV) technology to safely shunt
overvoltages to ground while its thermal disconnect capability
eliminates the need for additional fusing
•
200kA SCCR meets the highest NEC® requirements
•
Models available to meet the overvoltage protection needs of
Wye and Delta electrical systems from 208 to 600 volts, 3-phase
•
BSPD has the highest nominal discharge current (I
n) of 20kA
per UL 1449 4th Edition. This rating indicates the SPD’s ability to
handle a number of large-magnitude surges over a short period of
time and remain operational.
•
120kA to 400kA surge current capacity (I
max) ratings meet
the needs of larger switchgear and power distribution panel
applications
•
Optional Form C contact relay, EMI/RFI filtering and surge counter
available to meet additional system requirements.
•
200kA Short-Circuit Current Rating (SCCR)
•
NEMA 1 or NEMA 4X enclosures
•
RoHS compliant
•
10 year warranty
Agency information
•
Basic, Standard and Standard with Surge Counter configurations
UL Listed, 1449 4th Edition, File E316410, Guide VZCA, CSA
Certified, Notice 516, File 243397
•
Standard and Standard with Surge Counter configurations are also
UL Recognized, 1283 5th Edition, File E316410, Guide VZCA2, CSA
Component Acceptance, Std. C22.2, No. 8-M1986, File 243397
BSPD Series unit mounted externally to a Bussmann Quik-Spec™
Coordination Panelboard
Factory sealed to improve electrical safety
All BSPD Series units are factory-sealed to eliminate arc flash
and shock hazards, as the user/installer has no chance of coming
into contact with energized parts. The units also contain no user-
serviceable parts or wire lugs that require periodic retightening to
eliminate the need for periodic maintenance.
Bussmann SurgePOD technology eliminates the need for
additional fusing
BSPD uses Bussmann SurgePOD modules that each contain
an internal element that safely disconnects upon reaching an
overvoltage breakdown condition.
Prewired
All BSPD units are factory wired for ease of installation. Simply
install any necessary conduit runs, mount the unit and make all
wire connections. No need for internal wiring or access to the unit’s
inside.
Compact size takes less space
Available in enclosures that are up to 50% smaller than other
products with comparable ratings the BSPD Series come in NEMA 1
and 4X enclosures that differ in size according to their surge current
capacity (I
max).
NEMA 1 BSPD Series units.
•
The 120-200kA surge current capacity units are housed in a 74
square-inch enclosure that is only 3-1/2 inches deep.
•
The 300-400kA surge current capacity units are housed in a 74
square-inch enclosure that is only 6 inches deep.
NEMA 4X BSPD Series units.
•
The 120-200kA surge current capacity units are housed in a 108
square-inch enclosure that is only 5-3/8 inches deep.
•
The 300-400kA surge current capacity units are housed in a 108
square-inch enclosure that is only 7-11/16 inches deep.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com