Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPCE4XXXX Datasheet(PDF) 21 Page - Generalplus Technology Inc.

Part # GPCE4XXXX
Description  16-bit Sound Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPCE4XXXX Datasheet(HTML) 21 Page - Generalplus Technology Inc.

Back Button GPCE4XXXX Datasheet HTML 17Page - Generalplus Technology Inc. GPCE4XXXX Datasheet HTML 18Page - Generalplus Technology Inc. GPCE4XXXX Datasheet HTML 19Page - Generalplus Technology Inc. GPCE4XXXX Datasheet HTML 20Page - Generalplus Technology Inc. GPCE4XXXX Datasheet HTML 21Page - Generalplus Technology Inc. GPCE4XXXX Datasheet HTML 22Page - Generalplus Technology Inc. GPCE4XXXX Datasheet HTML 23Page - Generalplus Technology Inc. GPCE4XXXX Datasheet HTML 24Page - Generalplus Technology Inc. GPCE4XXXX Datasheet HTML 25Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
GPCE4XXXX
© Generalplus Technology Inc.
Proprietary & Confidential
21
Jun. 26, 2017
Version: 1.1
6.3 GPCE4096A/GPCE4064A
6.3.1 Pin descriptions
Mnemonic
Type
Description
PORT A, Port B
IOA [15:0]
I/O
IOA[15:0]: bi-directional I/O ports
It can be programmed as wakeup I/O pins.
IOB [15:0]
I/O
IOB [15:0]: bi-directional I/O ports.
It can be programmed as wakeup I/O pins.
IOB[11] is shared with ADC OP AMP output
IOB[10] is shared with
( OPI)
ADC MIC amplifier output (refer to application circuit)
IOB[9] is shared with ADC OPI Audio amplifier negative input (refer to application circuit)
IOB[8] is shared with ADC AGC by pass filter (refer to application circuit)
IOC [15:0]
I/O
IOC [15:0]: bi-directional I/O ports.
It can be programmed as wakeup I/O pins.
Power & GND
VDD_IOA
P
Power VDD for Port A
VSS_IOA
G
Power GND for Port A
VDD_IOB
P
Power VDD for Port B
VSS_IOB
G
Power GND for Port B
VDD_IOC
P
Power VDD for Port C
VSS_IOC
G
Power GND for Port C
V33_ADC
P
Power VDD for AD (3.3V)
VSS_ADC
G
Power GND for AD
V33_REG
P
3V Power output from regulator
V27_REG
P
2.7V Power output from regulator
VDD_REG
P
Power supply for regulator (2.4V~5.5V)
VSS_REG
G
Ground reference for regulator
VDD_DAC
P
Positive 5V supply for push-pull DAC
VDD_PDAC
P
Positive 5V supply for push-pull DAC post driver
VSS_PDAC
G
Ground reference for push-pull DAC post driver
VDD_INT
P
Power for internal block
VSS_INT
G
Ground for internal block
CLK SYSTEM/ ICE INTERFACE
X32KI
I
32KHz Oscillator crystal input/ R32K OSCI
X32KO
O
32KHz Oscillator crystal output
OPTION
TEST
I
TEST Mode selection pin, high is test mode and low is normal mode (Pad internal pull low)
DAC
AUDP
O
Audio output of push pull DAC
AUDN
O
Audio output of push pull DAC
ACIN
U
Audio analog mixer in
ADC
MICP
I
MIC amplifier input positive (Internal Floating)
MICN
I
MIC amplifier input negative (refer to application circuit)
VMIC
O
Microphone power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com