Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPCE4XXXX Datasheet(PDF) 39 Page - Generalplus Technology Inc.

Part # GPCE4XXXX
Description  16-bit Sound Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPCE4XXXX Datasheet(HTML) 39 Page - Generalplus Technology Inc.

Back Button GPCE4XXXX Datasheet HTML 35Page - Generalplus Technology Inc. GPCE4XXXX Datasheet HTML 36Page - Generalplus Technology Inc. GPCE4XXXX Datasheet HTML 37Page - Generalplus Technology Inc. GPCE4XXXX Datasheet HTML 38Page - Generalplus Technology Inc. GPCE4XXXX Datasheet HTML 39Page - Generalplus Technology Inc. GPCE4XXXX Datasheet HTML 40Page - Generalplus Technology Inc. GPCE4XXXX Datasheet HTML 41Page - Generalplus Technology Inc. GPCE4XXXX Datasheet HTML 42Page - Generalplus Technology Inc. GPCE4XXXX Datasheet HTML 43Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
GPCE4XXXX
© Generalplus Technology Inc.
Proprietary & Confidential
39
Jun. 26, 2017
Version: 1.1
9.3 Application Circuit with Regulator, ROSC6M and ROSC32K Selected
RESETB
IOA[15:0]
IOA[15:0]
IOB[15:0]
IOB[15:0]
0.1uF
VMIC
MICP
MICN
IOB[7:0]
0.1uF
VADREF
RESETB
AUDN
AUDP
8
Ω SPEAKER
0. 1 uF
10uF
VSS_ REG
0.1uF
10uF
V33_REG
VDD(3.3V)
0.1uF
10uF
V33_ADC
VSS_ADC
VDD_IOB
VDD_IOA
VSS_IOB
VSS_IOA
VDD_PDAC
VDD_DAC
Application Circuit(LINE_IN)
VSS_PDAC
VDD_REG
*2
IOC[15:0]
IOC[15:0]
VDD_IOC
VSS_IOC
V27_REG
2.2uF
VSS_USB
VSS_INT
VDD_USB
VDD_INT
*3
*3
*4
*4
3.3V
IOB[7:0]
(8-Channel Line_In)
(2.4V~5.5V)
Note1: These capacitor values are for design guidance only.
Different capacitor values may be required for different crystal/resonator used.
Note2: V33_REG is output of built-in regulator with maximum current 60mA.
It is recommended that only use it for internal power pad.
Note3: VSS_USB and VDD_USB are supported by body (ref. to
“6 SIGNAL DESCRIPTIONS”). It is recommended that the supplied power of VDD_USB
uses external power instead of V33_REG.
Note4: VSS_INT and VDD_INT are supported by body (ref. to
“6 SIGNAL DESCRIPTIONS”).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com