Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPCE4XXXX Datasheet(PDF) 28 Page - Generalplus Technology Inc.

Part # GPCE4XXXX
Description  16-bit Sound Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPCE4XXXX Datasheet(HTML) 28 Page - Generalplus Technology Inc.

Back Button GPCE4XXXX Datasheet HTML 24Page - Generalplus Technology Inc. GPCE4XXXX Datasheet HTML 25Page - Generalplus Technology Inc. GPCE4XXXX Datasheet HTML 26Page - Generalplus Technology Inc. GPCE4XXXX Datasheet HTML 27Page - Generalplus Technology Inc. GPCE4XXXX Datasheet HTML 28Page - Generalplus Technology Inc. GPCE4XXXX Datasheet HTML 29Page - Generalplus Technology Inc. GPCE4XXXX Datasheet HTML 30Page - Generalplus Technology Inc. GPCE4XXXX Datasheet HTML 31Page - Generalplus Technology Inc. GPCE4XXXX Datasheet HTML 32Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 49 page
background image
GPCE4XXXX
© Generalplus Technology Inc.
Proprietary & Confidential
28
Jun. 26, 2017
Version: 1.1
7 FUNCTION DESCRIPTIONS
7.1 CPU
The
GPCE4xxxx
is
equipped
with
a
16-bit
’nS2.0P™
(pronounced as micro-n-SP).
Sixteen registers are featured in
’nSP™ 2.0: R1 - R4 and R8 ~ R15 (General- purpose registers),
PC (Program Counter), SP (Stack Pointer), Base Pointer (BP) ,
SR (Segment Register) and eight extended registers.
The
interrupts include 23 FIQs (Fast Interrupt Request) and IRQs
(Interrupt Request), plus one software-interrupt, BREAK.
7.2 Memory
7.2.1 SRAM
There are 4K-word working SRAM and 2K-word Cache RAM
(also can be working RAM), ranged from $0000 through $17FF.
7.2.2 OTP
GPCE4xxxx features a high-speed memory with access speed of
three CPU clock cycles.
7.3 PLL, Clock, Power Mode
7.3.1 PLL (Phase Lock Loop)
The purpose of PLL is to provide a base frequency (32768Hz)
and to pump the frequency from 6MHz to 48MHz for system
clock (FOSC).
The default PLL frequency is 12MHz.
7.3.1.1
System clock
Basically, the system clock is provided by PLL and programmed
by the Port_SystemClock (R/W) to determine the clock frequency
for system.
7.3.1.2
32768Hz RTC
The Real Time Clock (RTC) is normally used in watch, clock or
other time related products.
A 2Hz-RTC (0.5 seconds) function
is loaded in GPCE4xxxx.
The RTC counts the time as well as to
wake CPU up whenever RTC occurs.
Since the RTC is
generated each 0.5 seconds, time can be tracked by the total
number of RTC occurrences.
In addition, GPCE4xxxx supports
32768Hz crystal oscillator in normal mode and auto-power-saving
mode.
In normal mode, 32768Hz OSC always runs at the
highest power consumption.
In auto-power-saving mode,
however, it runs at normal mode for the first 7.5 seconds and
switches back to power-saving mode automatically to save
powers.
7.4 Standby Mode
The GPCE4xxxx features a power savings mode (or called
standby mode) for low power applications.
In such mode,
SRAM and I/Os remain in the previous states until CPU being
awakened.
After GPCE4xxxx wakes up, CPU will continue to
execute the program from where it slept.
7.5 Low Voltage Detection and Low Voltage Reset
7.5.1
Low voltage detection (LVD)
The Low Voltage Detection (LVD) reports the circumstance of
present voltage.
There are seven LVD levels to be selected:
2.4V, 2.6V, 2.8V, 3.0V, 3.2V, 3.4V, and 3.6V.
7.5.2
Low voltage reset
In addition to the LVD, GPCE4xxxx has another important
function, Low Voltage Reset (LVR).
With LVR function, a reset
signal is generated to reset system when the operating voltage
drops below LVR level.
7.6 Interrupt
The GPCE4xxxx has 25 interrupt sources, grouped into two
types, FIQ (Fast Interrupt Request) and IRQ (Interrupt request).
The priority of FIQ is higher than IRQ.
User can refer
programming guide for details.
7.7 I/O
The
GPCE4xxxx
has
48
bit-programmable
I/Os.
with
programmable wakeup capability.
The following diagram is an
I/O schematic.
Data
Register
&
Control
Logic
I/O Pad
P_IOA/B/C_Buffer(R)
P_IOA/B/C_Buffer(W)
P_IOA/B/C_Dir(R/W)
P_IOA/B/C_Attrib(R/W)
P_IOA/B/C_Data(R)
In addition to a general purpose I/O port function, IOA/B/C also
shares/carries some special functions.
A summary of IOA/B/C
special functions is listed as follows:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com