Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPCE4XXXX Datasheet(PDF) 32 Page - Generalplus Technology Inc.

Part # GPCE4XXXX
Description  16-bit Sound Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPCE4XXXX Datasheet(HTML) 32 Page - Generalplus Technology Inc.

Back Button GPCE4XXXX Datasheet HTML 28Page - Generalplus Technology Inc. GPCE4XXXX Datasheet HTML 29Page - Generalplus Technology Inc. GPCE4XXXX Datasheet HTML 30Page - Generalplus Technology Inc. GPCE4XXXX Datasheet HTML 31Page - Generalplus Technology Inc. GPCE4XXXX Datasheet HTML 32Page - Generalplus Technology Inc. GPCE4XXXX Datasheet HTML 33Page - Generalplus Technology Inc. GPCE4XXXX Datasheet HTML 34Page - Generalplus Technology Inc. GPCE4XXXX Datasheet HTML 35Page - Generalplus Technology Inc. GPCE4XXXX Datasheet HTML 36Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 49 page
background image
GPCE4XXXX
© Generalplus Technology Inc.
Proprietary & Confidential
32
Jun. 26, 2017
Version: 1.1
8 ELECTRICAL SPECIFICATIONS
8.1 Absolute Maximum Ratings
Characteristics
Symbol
Ratings
DC Supply Voltage
V+
< 4.0V
PortA/B/C Pad Supply Voltage
VIO
< 7.0V
Input Voltage Range
VIN
-0.5V to V+ + 0.5V
Operating Temperature
TA
0℃ to +60℃
Storage Temperature
TSTO
-50℃ to +150℃
Note: Stresses beyond those given in the Absolute Maximum Rating table may cause permanent damage to the device.
For normal operational conditions
see DC Electrical Characteristics.
8.2 DC Characteristics (VDD_REG = 3.3V, VDDIO = 4.5V (IOA & IOB & IOC), TA = 25℃)
Characteristics
Symbol
Limit
Unit
Test Condition
Min.
Typ.
Max.
Operating Voltage
VDD_REG
2.4
-
5.5
V
-
Operating Current
IOP
-
23
29
mA
FOSC = 48MHz,
AD, DAC disable, no load
Standby Current
ISTB
-
-
10
A
Disable 32KHz crystal
15
A
Enable 32KHz,Disable PLL(FOSC)
Input High Level
VIH
0.7VDD_IO
-
VDD_IO
V
-
Input Low Level
VIL
0
-
0.3VDD_IO
V
-
Output High Current
(IOA[9:0], IOB, IOC)
IOH
7
14
21
mA
VOH = 0.7VDD_IO
Output High Current
(IOA[15:10])
IOH
14
27
41
mA
VOH = 0.7VDD_IO
Output Low Current
(IOA[9:4], IOB, IOC)
IOL
13
23
36
mA
VOL = 0.3VDD_IO
Output Low Current
(IOA[3:0])
IOL
22
44
66
mA
VOL = 0.3VDD_IO
Output Low Current
(IOA[15:10])
IOL
7
13
20
mA
VOL = 0.3VDD_IO, high drive disable
Output Low Current
(IOA[15:10])
IOL
13
25
37
mA
VOL = 0.3VDD_IO, high drive enable
Input Pull-Low Resister
(IOA, IOB, IOC)
RPL
80
120
160
K
VIN = VDD_IO
Input Pull-High Resister
(IOA, IOB, IOC)
RPH
80
120
160
K
VIN = VSS_IO
Internal
ROSC
frequency
deviation
⊿F/F
-3%
32768
+3%
HZ
V33_REG = 3.3V
Internal 6M ROSC frequency
deviation
⊿F/F
-3%
6000000
+3%
HZ
V33_REG = 3.3V
8.3 DC Characteristics (VDD_REG = 3.3V, VDDIO = 3.3V (IOA & IOB & IOC), TA = 25℃)
Characteristics
Symbol
Limit
Unit
Test Condition
Min.
Typ.
Max.
Operating Voltage
VDD_REG
2.4
-
5.5
V
-
Operating Current
IOP
-
23
29
mA
FOSC = 48MHz,
AD, DAC disable, no load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com