Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WNM2016 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # WNM2016
Description  N-Channel MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

WNM2016 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  WNM2016 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd WNM2016 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd WNM2016 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd WNM2016 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Transistors
www.kexin.com.cn
1
MOSFET
SMD Type
N-Channel MOSFET
WNM2016
D
S
G
0.4 +0.1
-0.1
2.9 +0.1
-0.1
0.95 +0.1
-0.1
1.9 +0.1
-0.1
1
2
3
Unit : mm
SOT-23
0.1 +0.05
-0.01
1. Gate
2. Source
3. Drain
■
Features
●
VDS (V) =20 V
●
ID = 3.2 A
●
RDS(ON) < 47m Ω @ VGS = 4.5 V
●
RDS(ON) < 55m Ω @ VGS = 2.5 V
●
RDS(ON) < 66m Ω @ VGS = 1.8 V
■
Absolute Maximum Ratings TA = 25℃ unless otherwise noted
Symbol
10 S
Steady State
Unit
VDS
VGS
TA=25℃
3.2
2.9
TA=70℃
2.5
2.3
TA=25℃
0.8
0.7
TA=70℃
0.5
0.4
TA=25℃
2.9
2.7
TA=70℃
2.3
2.1
TA=25℃
0.6
0.5
TA=70℃
0.4
0.3
IDM
A
Thermal Resistance.Junction- to-Ambient a
RthJA
150
175
Thermal Resistance.Junction- to-Ambient b
RthJA
180
210
Junction-to-Case Thermal Resistance
RthJC
76
TJ
Tstg
Notes:
a Surface mounted on FR4 Board using 1 in sq pad size, 1oz Cu.
b Surface mounted on FR4 board using the minimum recommended pad size, 1oz Cu.
c Repetitive rating, pulse width limited by junction temperature, tp=10μs, Duty Cycle=1%
d Repetitive rating, pulse width limited by junction temperature TJ(MAX)=150°C.
10
150
-55 to 150
℃
/W
Continuous Drain Current (TJ = 150 °C) b
ID
A
Maximum Power Dissipation b
PD
W
Maximum Power Dissipation a
PD
A
W
Junction Temperature
Storage Temperature Range
℃
V
Pulsed Drain Current c
Parameter
Drain-Source Voltage
Gate-Source Voltage
20
±8
Continuous Drain Current (TJ = 150 °C) a
ID


Similar Part No. - WNM2016

ManufacturerPart #DatasheetDescription
logo
Will Semiconductor Ltd.
WNM2016 WILLSEMI-WNM2016 Datasheet
851Kb / 7P
N-Channel, 20V, 3.2A, Power MOSFET
WNM2016-3/TR WILLSEMI-WNM2016-3/TR Datasheet
851Kb / 7P
N-Channel, 20V, 3.2A, Power MOSFET
logo
VBsemi Electronics Co.,...
WNM2016-3/TR VBSEMI-WNM2016-3/TR Datasheet
1Mb / 9P
N-Channel 20 V (D-S) MOSFET
WNM2016-3TR VBSEMI-WNM2016-3TR Datasheet
1Mb / 9P
N-Channel 20 V (D-S) MOSFET
More results

Similar Description - WNM2016

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
N-Channel MOSFET
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
P-CHANNEL MOSFET N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com