Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WNM2016 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # WNM2016
Description  N-Channel MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

WNM2016 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  WNM2016 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd WNM2016 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd WNM2016 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd WNM2016 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Transistors
www.kexin.com.cn
2
MOSFET
SMD Type
N-Channel MOSFET
WNM2016
■
Electrical Characteristics TA = 25℃ unless otherwise noted
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VDSS
ID=250 μA, VGS=0V
20
V
VDS=16V, VGS=0V
1
Gate-Body Leakage Current
IGSS
VDS=0V, VGS=±8V
±100
nA
Gate Threshold Voltage
VGS(th)
VDS=VGS , ID=250 μA
0.4
1
V
VGS=4.5V, ID=3.6 A
47
VGS=2.5V, ID=3.1 A
55
VGS=1.8V, ID=1 A
66
Forward Transconductance
gFS
VDS=5 V, ID=3.1 A
8.5
S
Input Capacitance
Ciss
500
Output Capacitance
Coss
62
Reverse Transfer Capacitance
Crss
58
Total Gate Charge
Qg(tot)
8.5
Threshold Gate Charge
Qg(th)
0.45
Gate Source Charge
Qgs
0.65
Gate Drain Charge
Qgd
3.1
Turn-On DelayTime
td(on)
12
Turn-On Rise Time
tr
20.8
Turn-Off DelayTime
td(off)
38.8
Turn-Off Fall Time
tf
10.8
Diode Forward Voltage
VSD
IS=1 A,VGS=0V
1.5
V
ns
Zero Gate Voltage Drain Current
IDSS
μA
mΩ
VGS=4.5 V, VDS=10 V,
RL=3.5Ω, ,RG=6Ω
RDS(On)
Static Drain-Source On-Resistance
VGS=0V, VDS=10 V, f=1MHz
VGS=4.5 V, VDS=10 V, ID=3.1 A
pF
nC
■
Marking
Marking
WT6*
WT6 = Device Code
* = Month (A~Z)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com