Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WNM2016 Datasheet(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd

Part # WNM2016
Description  N-Channel MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

WNM2016 Datasheet(HTML) 3 Page - Guangdong Kexin Industrial Co.,Ltd

  WNM2016 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd WNM2016 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd WNM2016 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd WNM2016 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Transistors
www.kexin.com.cn
3
MOSFET
SMD Type
N-Channel MOSFET
WNM2016
■
Typical Characterisitics
Output Characteristics
Rds(on) vs. Drain Current
Rds(on) vs. Junction Temperature
Transfer Characteristics
Rds(on) vs. Gate to Source Voltage
Threshold voltage vs. Temperature
0.0
0.5
1.0
1.5
2.0
2.5
0
4
8
12
16
20
V
GS=2.0V
V
GS=3.0V to 5.0V
V
GS=1.5V
V
DS-Drain-to-source Voltage(V)
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.03
0.06
0.09
0.12
0.15
I
D=3.5A
V
GS-Gate-to-source Voltage(V)
-50
0
50
100
150
35
40
45
50
55
60 VGS=4.5V,ID=3.5A
Temperature(
oC)
-50
0
50
100
150
0.2
0.3
0.4
0.5
0.6
0.7
0.8
V
DS=3.5V
Temperature(
oC)
0.0
0.5
1.0
1.5
2.0
2.5
0
5
10
15
20
T=-55
oC
T=125
oC
T=25
oC
V
GS-GATE-to-source Voltage(V)
0
2
4
6
8
10
0
40
80
120
160
VGS=4.0V
VGS=2.0V
VGS=1.5V
I
D-Drain Current(A)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com