Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WNM2016 Datasheet(PDF) 4 Page - Guangdong Kexin Industrial Co.,Ltd

Part # WNM2016
Description  N-Channel MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

WNM2016 Datasheet(HTML) 4 Page - Guangdong Kexin Industrial Co.,Ltd

  WNM2016 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd WNM2016 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd WNM2016 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd WNM2016 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Transistors
www.kexin.com.cn
4
MOSFET
SMD Type
N-Channel MOSFET
WNM2016
Capacitance
Single Pulse Power
Source to Drain Diode Forward Voltage
Safe Operating Area
0
5
10
15
20
0
150
300
450
600
V
GS=0V
F=1MHz
V
DS-Drain-to-source Voltage(V)
Ciss
Coss
Crss
Transient Thermal Response
0.3
0.4
0.5
0.6
0.7
0.8
0.0
0.5
1.0
1.5
2.0
V
SD-source-to-Drain Voltage(V)
0
2
4
6
8
10
0.01
0.1
1
10
100
1000
Time (s)
TA = 25 °C
V DS - Drain-to-Source Voltage (V)
10
0.1
0.1
1
10
1
TA = 25 °C
Single Pulse
1 ms
10 ms
100 ms
0.01
100 s, DC
BVDSS Limited
100
100 µs
Limited by RDS(on)*
1 s
10 s
0.0001
0.001
0.01
0.1
1
10
100
300
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
t , TIME (sec)
R
(t) = r(t) * R
R
= 270 °C/W
Duty Cycle, D = t /t
1 2
θ
JA
θ
JA
θ
JA
T - T = P * R
(t)
θ
JA
A
J
P(pk)
t1
t 2
1
Single Pulse
D = 0.5
0.1
0.05
0.02
0.01
0.2
10 -3
10 -2
1
10
1000
10 -1
10 -4
100
0.2
0.1
0.05
Square Wave Pulse Duration (s)
1
0.1
0.01
Single Pulse
t1
t2
Notes:
P DM
1. Duty Cycle, D =
2. Per Unit Base = R thJA = 70 °C/W
3. TJM - TA = P DM ZthJA(t)
t1
t2
4. Surface Mounted
Duty Cycle = 0.5
0.02



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com