Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLMP-EL15-RU000 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HLMP-EL15-RU000
Description  T-1 (5mm) Precision Optical Performance AlInGaP LED Lamps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-EL15-RU000 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HLMP-EL15-RU000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-EL15-RU000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-EL15-RU000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-EL15-RU000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-EL15-RU000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-EL15-RU000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-EL15-RU000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-EL15-RU000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-EL15-RU000 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Typical
Viewing
Color and
Luminous
Angle
Dominant
Lamps Without Standoffs
Lamps With Standoffs
Intensity Iv (mcd) [1,2]
2
θθθθθ1/2
Wavelength
on Leads
on Leads
@ 20 mA
(Deg.)[4]
(nm), Typ.[3]
(Outline Drawing A)
(Outline Drawing B)
Min.
Max.
HLMP-EL15-PS000
HLMP-EL17-PS000
880
2500
HLMP-EL15-QR000
1150
1900
HLMP-EL15-QRK00*
1150
1900
HLMP-EL15-QS000
1150
2500
HLMP-EL15-QS400**
1150
2500
HLMP-EL15-QSK00*
1150
2500
HLMP-EL15-QT000
HLMP-EL17-QT000
1150
3200
HLMP-EL15-QTK00*
1150
3200
HLMP-EL15-RU000
HLMP-EL17-RU000
1500
4200
HLMP-EL17-SV000
1900
5500
Amber 590
HLMP-EL15-TW000
HLMP-EL17-TW000
2500
7200
HLMP-EL15-TWK00*
2500
7200
HLMP-EL15-TUK00*
2500
4200
15
°
HLMP-EL15-TV400**
2500
5500
HLMP-EL15-UX000
HLMP-EL17-UX000
3200
9300
HLMP-EL15-VY000
HLMP-EL17-VY000
4200
12000
HLMP-EL15-VYK00*
4200
12000
HLMP-EL15-VX000
4200
9300
HLMP-EL15-VXK00*
4200
9300
HLMP-EL15-VX400**
4200
9300
HLMP-EL15-VW000*
4200
7200
HLMP-EL15-VWK00*
4200
7200
HLMP-EJ15-PS000
880
2500
Orange 605
HLMP-EJ15-RU000
HLMP-EJ17-RU000
1500
4200
HLMP-EJ15-SV000
HLMP-EJ17-SV000
1900
5500
HLMP-EH15-QT000
HLMP-EH17-QT000
1150
3200
Red-Orange 615
HLMP-EH15-RU000
HLMP-EH17-RU000
1500
4200
HLMP-EH15-TW000
HLMP-EH17-TW000
2500
7200
HLMP-EH15-UX000
HLMP-EH17-UX000
3200
9300
Device Selection Guide (Continued)
Notes:
1. The luminous intensity is measured on the mechanical axis of the lamp package.
2. The optical axis is closely aligned with the package mechanical axis.
3. The dominant wavelength,
λ
d, is derived from the CIE Chromaticity Diagram and represents the color of the lamp.
4.
θ
1/2 is the off-axis angle where the luminous intensity is one half the on-axis intensity.
5. The intensity of narrow viewing angle lamps is measured at the intensity peak.
Part numbers in bold are recommended for new designs.
*HLMP-xLxx-xxK00 are selected to amber color bins 2 and 4 only.
**HLMP-xLxx-xx400 are selected to amber color bin 4 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com