Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLMP-EL15-RU000 Datasheet(PDF) 10 Page - Agilent(Hewlett-Packard)

Part # HLMP-EL15-RU000
Description  T-1 (5mm) Precision Optical Performance AlInGaP LED Lamps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-EL15-RU000 Datasheet(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button HLMP-EL15-RU000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-EL15-RU000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-EL15-RU000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-EL15-RU000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-EL15-RU000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-EL15-RU000 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HLMP-EL15-RU000 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HLMP-EL15-RU000 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HLMP-EL15-RU000 Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
Figure 2. Forward Current vs. Forward Voltage.
Figure 3. Relative Luminous Intensity vs.
Forward Current.
Figure 4. Maximum Forward Current vs. Ambient
Temperature. Derating Based on TJMAX = 130°C.
Figure 1. Relative Intensity vs. Peak Wavelength.
Figure 5. Representative Spatial Radiation Pattern for 6
° Viewing Angle Lamps.
WAVELENGTH – nm
550
600
650
700
1.0
0.5
0
AMBER
RED-ORANGE
ORANGE
RED
1.0
0
VF – FORWARD VOLTAGE – V
2.5
100
40
30
1.5
2.0
60
3.0
10
20
50
RED
AMBER
70
80
90
0
0
IF – DC FORWARD CURRENT – mA
40
3.0
2.0
1.5
1.0
0.5
20
60
2.5
0
0
TA – AMBIENT TEMPERATURE – °C
40
80
50
40
30
20
10
20
60
100
R
θJA = 585° C/W
R
θJA = 780° C/W
100
0
θ – ANGULAR DISPLACEMENT – DEGREES
80
60
50
70
20
-20
-15
10
30
40
-10
0
5
10
15
20
25
90
-25
-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com