Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLMP-EL15-RU000 Datasheet(PDF) 11 Page - Agilent(Hewlett-Packard)

Part # HLMP-EL15-RU000
Description  T-1 (5mm) Precision Optical Performance AlInGaP LED Lamps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-EL15-RU000 Datasheet(HTML) 11 Page - Agilent(Hewlett-Packard)

Back Button HLMP-EL15-RU000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-EL15-RU000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-EL15-RU000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-EL15-RU000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-EL15-RU000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-EL15-RU000 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HLMP-EL15-RU000 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HLMP-EL15-RU000 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HLMP-EL15-RU000 Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
Bin
Name
Min.
Max.
K
310
400
L
400
520
M
520
680
N
680
880
P
880
1150
Q
1150
1500
R
1500
1900
S
1900
2500
T
2500
3200
U
3200
4200
V
4200
5500
W
5500
7200
X
7200
9300
Y
9300
12000
Z
12000
16000
1
16000
21000
2
21000
27000
Intensity Bin Limits
(mcd at 20 mA)
Tolerance for each bin limit is
± 15%.
Bin
Name
Min.
Max.
1
584.5
587.0
2
587.0
589.5
4
589.5
592.0
6
592.0
594.5
Amber Color Bin Limits
(nm at 20 mA)
Tolerance for each bin limit is
± 0.5 nm.
Note:
1. Bin categories are established for
classification of products. Products
may not be available in all bin
categories.
Figure 7. Representative Spatial Radiation Pattern for 23
° Viewing Angle Lamps.
Figure 8. Representative Spatial Radiation Pattern for 30
° Viewing Angle Lamps.
Figure 6. Representative Spatial Radiation Pattern for 15
° Viewing Angle Lamps.
100
0
θ – ANGULAR DISPLACEMENT – DEGREES
80
60
50
70
20
10
30
40
90
-20
-15
-10
0
5
10
15
20
25
-25
-5
100
0
θ – ANGULAR DISPLACEMENT – DEGREES
80
60
50
70
20
10
30
40
90
-20
-15
-10
0
5
10
15
20
25
-25
-5
1.00
0
θ – ANGULAR DISPLACEMENT – DEGREES
0.80
0.60
0.50
0.70
0.20
0.10
0.30
0.40
0.90
-20
-15
-10
0
5
10
15
20
25
-25
-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com