Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLMP-EL15-RU000 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HLMP-EL15-RU000
Description  T-1 (5mm) Precision Optical Performance AlInGaP LED Lamps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-EL15-RU000 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HLMP-EL15-RU000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-EL15-RU000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-EL15-RU000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-EL15-RU000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-EL15-RU000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-EL15-RU000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-EL15-RU000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-EL15-RU000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-EL15-RU000 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
T-13/4 (5 mm) Precision Optical
Performance AlInGaP LED Lamps
Data Sheet
Features
• Well Defined Spatial
Radiation Patterns
• Viewing Angles: 6
°, 15°,
23
°, 30°
• High Luminous Output
• Colors:
590 nm Amber
605 nm Orange
615 nm Reddish-Orange
626 nm Red
• High Operating Temperature:
TJ LED = +130°C
• Superior Resistance to
Moisture
• Package Options:
With or Without Lead Stand-
Offs
Benefits
• Viewing Angles Match Traffic
Management Sign
Requirements
• Colors Meet Automotive and
Pedestrian Signal
Specifications
• Superior Performance in
Outdoor Environments
• Suitable for Autoinsertion
onto PC Boards
Applications
• Traffic Management:
Traffic Signals
Pedestrian Signals
Work Zone Warning Lights
Variable Message Signs
• Commercial Outdoor
Advertising:
Signs
Marquees
• Automotive:
Exterior and Interior Lights
Description
These Precision Optical Perform-
ance AlInGaP LEDs provide
superior light output for
excellent readability in sunlight
and are extremely reliable.
AlInGaP LED technology
provides extremely stable light
output over long periods of time.
Precision Optical Performance
lamps utilize the aluminum
indium gallium phosphide
(AlInGaP) technology.
These LED lamps are untinted,
nondiffused, T-13/4 packages
incorporating second generation
optics producing well defined
spatial radiation patterns at
specific viewing cone angles.
SunPower Series
HLMP-ELxx
HLMP-EJxx
HLMP-EHxx
HLMP-EGxx
These lamps are made with an
advanced optical grade epoxy,
offering superior high tempera-
ture and high moisture
resistance performance in
outdoor signal and sign
applications. The high maximum
LED junction temperature limit
of +130
° C enables high
temperature operation in bright
sunlight conditions. The package
epoxy contains both uv-a and
uv-b inhibitors to reduce the
effects of long term exposure to
direct sunlight.
These lamps are available in two
package options to give the
designer flexibility with device
mounting.


Similar Part No. - HLMP-EL15-RU000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-EL15-RU000 HP-HLMP-EL15-RU000 Datasheet
179Kb / 12P
T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
More results

Similar Description - HLMP-EL15-RU000

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MVL-5A4UG UOT-MVL-5A4UG Datasheet
36Kb / 2P
T-1 3/4 (5mm) High Performance AlInGaP LED Lamps
MVL-5C4UYL UOT-MVL-5C4UYL Datasheet
39Kb / 2P
T-1 3/4 (5mm) High Performance AlInGaP LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-EL55 HP-HLMP-EL55 Datasheet
688Kb / 6P
T-1 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-DLXX HP-HLMP-DLXX Datasheet
129Kb / 8P
T-1 - 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-ED16-WZ0DD AVAGO-HLMP-ED16-WZ0DD Datasheet
342Kb / 13P
Precision Optical Performance AlInGaP II LED Lamps
HLMP-AD06-NSTXX AVAGO-HLMP-AD06-NSTXX Datasheet
379Kb / 12P
5mm mini Oval Precision Optical Performance AlInGaP Lamps
HLMP-BL06-QRKDD AVAGO-HLMP-BL06-QRKDD Datasheet
379Kb / 12P
5mm mini Oval Precision Optical Performance AlInGaP Lamps
logo
Broadcom Corporation.
HLMP-ELXX BOARDCOM-HLMP-ELXX Datasheet
280Kb / 13P
Precision Optical Performance AlInGaP II LED Lamps
HLMP-EL55 BOARDCOM-HLMP-EL55 Datasheet
583Kb / 13P
T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
July 16, 2020
HLMP-ELXX BOARDCOM-HLMP-ELXX_V01 Datasheet
736Kb / 18P
T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
March 12, 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com