Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2773 Datasheet(PDF) 1 Page - Shenzhen Xinmao Microelectronics Co., Ltd.

Part # LP2773
Description  Low start current
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANDP [Shenzhen Xinmao Microelectronics Co., Ltd.]
Direct Link  https://www.chip-hope.com/
Logo LANDP - Shenzhen Xinmao Microelectronics Co., Ltd.

LP2773 Datasheet(HTML) 1 Page - Shenzhen Xinmao Microelectronics Co., Ltd.

  LP2773 Datasheet HTML 1Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP2773 Datasheet HTML 2Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP2773 Datasheet HTML 3Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP2773 Datasheet HTML 4Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP2773 Datasheet HTML 5Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP2773 Datasheet HTML 6Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP2773 Datasheet HTML 7Page - Shenzhen Xinmao Microelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
LP2773
版本号:V1.0 2016.05.16
深圳市芯茂微电子有限公司
http://www.chip-hope.com
第 1 页共 7 页
概述
LP2773 是内置 V
CBO 为 850V 的功率三极管的原边
控制、带线损补偿和峰值电流补偿功能的高端无光
耦开关电源控制器。它采用 PFM 调制技术,提供精
准的恒压/恒流(CV/CC)控制环路,具有非常高的
稳定性和平均效率。
采用 LP2773 设计系统,可以省去光耦、次级
反馈控制、环路补偿,电路简单,降低成本。
主要特点
低启动电流
原边控制模式
PFM 调制
≦75mW 待机功耗
高精度恒压/恒流
前沿消隐
过压保护
欠压锁定
环路开路、短路保护
过温保护
逐周期限流
线损补偿
峰值电流补偿
应用范围
线性电源和 RCC 开关电源升级换代
其它辅助电源等
典型应用
图 1 LP2773 典型应用图
SOP7-LP2773
AC
Vout
+
-


Similar Part No. - LP2773

ManufacturerPart #DatasheetDescription
logo
Shenzhen Xinmao Microel...
LP2774 LANDP-LP2774 Datasheet
532Kb / 7P
Low power primary feedback control chip
LP2775 LANDP-LP2775 Datasheet
518Kb / 7P
Low power primary feedback control chip
More results

Similar Description - LP2773

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1552 MICROSEMI-LX1552 Datasheet
378Kb / 18P
ULTRA-LOW START-UP CURRENT, CURRENT-MODE PWM
logo
List of Unclassifed Man...
CM6824 ETC1-CM6824 Datasheet
342Kb / 18P
LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
logo
Champion Microelectroni...
CM6800A CHAMP-CM6800A Datasheet
518Kb / 18P
LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
logo
First Components Intern...
UC3842A-BW FCI-UC3842A-BW Datasheet
2Mb / 10P
Current Mode PWM Controller Low Start-Up and Operating Current
logo
Fairchild Semiconductor
KA3842ACS FAIRCHILD-KA3842ACS Datasheet
127Kb / 6P
Low start current 0.2mA (Typ.)
logo
Gamma Microelectronics ...
GM384X GAMMA-GM384X Datasheet
476Kb / 8P
Low Start-Up and Operating Current
logo
Guangdong Youtai Semico...
UC2842 UMW-UC2842 Datasheet
832Kb / 9P
Low Start-Up and Operating Current
UC2842 UMW-UC2842_V01 Datasheet
779Kb / 7P
Low Start-Up and Operating Current
UC3842 UMW-UC3842 Datasheet
874Kb / 7P
Low Start-Up and Operating Current
UC3842 UMW-UC3842_V01 Datasheet
881Kb / 7P
Low Start-Up and Operating Current
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com